Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL594INSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL594INSR
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL594INSR Datasheet(HTML) 3 Page - Texas Instruments

  TL594INSR Datasheet HTML 1Page - Texas Instruments TL594INSR Datasheet HTML 2Page - Texas Instruments TL594INSR Datasheet HTML 3Page - Texas Instruments TL594INSR Datasheet HTML 4Page - Texas Instruments TL594INSR Datasheet HTML 5Page - Texas Instruments TL594INSR Datasheet HTML 6Page - Texas Instruments TL594INSR Datasheet HTML 7Page - Texas Instruments TL594INSR Datasheet HTML 8Page - Texas Instruments TL594INSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TL594
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS052G – APRIL 1988 – REVISED JANUARY 2007
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage(2)
41
V
Amplifier input voltage
VCC + 0.3
V
Collector output voltage
41
V
Collector output current
250
mA
D package
73
N package
67
θ
JA
Package thermal impedance(3)(4)
°C/W
NS package
64
PW package
108
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the network ground terminal.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
7
40
V
VI
Amplifier input voltage
–0.3
VCC – 2
V
VO
Collector output voltage
40
V
Collector output current (each transistor)
200
mA
Current into FEEDBACK terminal
0.3
mA
CT
Timing capacitor
0.47
10000
nF
RT
Timing resistor
1.8
500
k
fosc
Oscillator frequency
1
300
kHz
TL594C
0
70
TA
Operating free-air temperature
°C
TL594I
–40
85
3
Submit Documentation Feedback


Similar Part No. - TL594INSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594INSR TI-TL594INSR Datasheet
418Kb / 16P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594INSR TI-TL594INSR Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594INSRG4 TI-TL594INSRG4 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL594INSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com