Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

284511-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 284511-8
Description  TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.81mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

284511-8 Datasheet(HTML) 1 Page - Tyco Electronics

  284511-8 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 284511-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28451 ETC2-28451 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
logo
Tyco Electronics
284510-2 MACOM-284510-2 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
284510-3 MACOM-284510-3 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
284510-4 MACOM-284510-4 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
284510-5 MACOM-284510-5 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
More results

Similar Description - 284511-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-284510 MACOM-C-284510 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
C-284509 MACOM-C-284509 Datasheet
51Kb / 1P
   TERMINAL BLOCK PLUG STACKING WITH INTERLOCK 3.81mm PITCH
C-284541 MACOM-C-284541 Datasheet
48Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? 3.81mm PITCH WITH THREADED FLANGE
C-284507 MACOM-C-284507 Datasheet
51Kb / 1P
   TERMINAL BLOCK PLUG STACKING 3.81mm PITCH
C-284519 MACOM-C-284519 Datasheet
48Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY STRAIGHT, 3.81mm PITCH WITH THREADED FLANGE
C-1776133 MACOM-C-1776133 Datasheet
105Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, STRAIGHT, W/THREADED FLANGE, 3.81mm PITCH
C-796859 MACOM-C-796859 Datasheet
252Kb / 2P
   TERMINAL BLOCK, PLUG , 90 DEGREE, WITH FLANGE, 5.08mm PITCH
C-796858 MACOM-C-796858 Datasheet
52Kb / 1P
   TERMINAL BLOCK PLUG, 90 DEGREE, WITH FLANGE 5.00mm PITCH
C-796867 MACOM-C-796867 Datasheet
124Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, VERTICAL WITH LOCKING SCREW FLANGE, 5.08mm PITCH
logo
CamdenBoss Ltd.
CSTBP92HE CAMDENBOSS-CSTBP92HE Datasheet
701Kb / 1P
   3.81mm Pitch Pluggable Screwless Terminal Block
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com