Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL594CDRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL594CDRE4
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL594CDRE4 Datasheet(HTML) 2 Page - Texas Instruments

  TL594CDRE4 Datasheet HTML 1Page - Texas Instruments TL594CDRE4 Datasheet HTML 2Page - Texas Instruments TL594CDRE4 Datasheet HTML 3Page - Texas Instruments TL594CDRE4 Datasheet HTML 4Page - Texas Instruments TL594CDRE4 Datasheet HTML 5Page - Texas Instruments TL594CDRE4 Datasheet HTML 6Page - Texas Instruments TL594CDRE4 Datasheet HTML 7Page - Texas Instruments TL594CDRE4 Datasheet HTML 8Page - Texas Instruments TL594CDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
GND
REF
VCC
Reference
Regulator
C1
Pulse-Steering
Flip-Flop
C1
1D
FEEDBACK
DTC
CT
RT
PWM
Comparator
Error Amplifier 2
1
+
-
Error Amplifier 1
≈0.1 V
DTC
Comparator
Oscillator
OUTPUT CTRL
(see Function Table)
0.7 mA
E1
C2
E2
2
+
-
Undervoltage
Lockout
Control
IN+
IN-
IN+
IN-
6
5
1
2
16
15
3
14
7
12
10
11
9
8
13
4
TL594
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS052G – APRIL 1988 – REVISED JANUARY 2007
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 25
TL594CN
TL594CN
Tube of 40
TL594CD
SOIC – D
TL594C
Reel of 2500
TL594CDR
0
°C to 70°C
SOP – NS
Reel of 2000
TL594CNSR
TL594
Tube of 90
TL594CPW
TSSOP – PW
T594
Reel of 2000
TL594CPWR
PDIP – N
Tube of 25
TL594IN
TL594IN
Tube of 40
TL594ID
SOIC – D
TL594I
Reel of 2500
TL594IDR
–40
°C to 85°C
SOP – NS
Reel of 2000
TL594INSR
TL594I
Tube of 90
TL594IPW
TSSOP – PW
Z594
Reel of 2000
TL594IPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
INPUT
OUTPUT FUNCTION
OUTPUT CTRL
VI = 0
Single-ended or parallel output
VI = Vref
Normal push-pull operation
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback


Similar Part No. - TL594CDRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594CDRE4 TI-TL594CDRE4 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL594CDRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com