Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS4001-7R Datasheet(PDF) 4 Page - Power-One

Part # LS4001-7R
Description  100 Watt AC-DC Converters with PFC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4001-7R Datasheet(HTML) 4 Page - Power-One

  LS4001-7R Datasheet HTML 1Page - Power-One LS4001-7R Datasheet HTML 2Page - Power-One LS4001-7R Datasheet HTML 3Page - Power-One LS4001-7R Datasheet HTML 4Page - Power-One LS4001-7R Datasheet HTML 5Page - Power-One LS4001-7R Datasheet HTML 6Page - Power-One LS4001-7R Datasheet HTML 7Page - Power-One LS4001-7R Datasheet HTML 8Page - Power-One LS4001-7R Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
4/27
Rs ext
Ri
RNTC
Iinr p
Ui rms
Ci
04001
Input Under-/Overvoltage Lock-out
If the input voltage remains below approx. 65 V AC or ex-
ceeds approx. 280 V AC an internally generated inhibit sig-
nal disables the output(s). When checking this function the
absolute maximum input voltage rating
Ui abs should be
considered! Between
Ui min and the undervoltage lock-out
level the output voltage may be below the value defined in
table:
Output data (see: Technical Information: Measuring
and Testing).
Input Transient Protection
A VDR together with the input fuse and a symmetrical input
filter form an effective protection against high input tran-
sient voltages.
Input Fuse
A fuse mounted inside the converter protects the module
against severe defects. (If operated from a DC-source this
fuse may not fully protect the module when the input volt-
age exceeds 200 V DC! In applications where the convert-
ers operate at source voltages above 200 V DC an external
fuse or a circuit breaker at system level should be installed!)
Table 3: Fuse Specification
Module
Fuse type
Fuse rating
LS 1
slow-blow
SP T
4 A, 250 V
1 Fuse size 5
× 20 mm
Fig. 3
Equivalent circuit diagram for input impedance.
Electrical Input Data
General Conditions
TA = 25
°C, unless T
C is specified.
– Pin 18 connected to pin 14,
Uo adjusted to Uo nom (option P); R input not connected.
– Sense line pins S+ and S– connected to Vo+ and Vo– respectively.
Table 2: Input data
Input
LS
Characteristics
Conditions
min
typ
max
Unit
Ui
Operating Input voltage
Io = 0...Io nom
85
255
V AC 3,4
Ui nom Nominal Input voltage
TC min...TC max
230
Ii
Input current
Ui nom, Io nom 1
0.55
Arms
Pi0
No-load input power
Ui min…Ui max
9.0
10
W
Pi inh
Idle input power
unit inhibited
3.5
5
Ri
Input resistance
TC = 25°C
480
m
RNTC
NTC resistance 2
3200
4000
Ci
Input capacitance
80
100
120
µF
Ui RFI
Conducted input RFI
EN 55022
B
Radiated input RFI
Ui nom, Io nom
B
Ui abs
Input voltage limits
–400
400
V DC
without damage
–400
400
Vp
1 With double output modules, both outputs loaded with Io nom.
2 Valid for -7 versions with NTC, (-9 versions exclude the NTC). Initial switch-on cycle. Subsequent switch-on/off cycles increase the in-
rush current peak value.
3 AC frequency range 47...63 Hz.
4 For DC-input please ask your local Power-One partner.
Reverse Polarity Protection
Should the input voltage to the unit be supplied from a DC
source the built-in bridge rectifier provides reverse polarity
protection. (For DC-input operation, please consult your lo-
cal Power-One partner.)
Inrush Current Limitation
The modules of the versions -7, incorporate an NTC resis-
tor in the input circuitry which – at initial turn on – reduces
the peak inrush current value by a factor of 5...10 to protect
connectors and switching devices from damage. Subse-
quent switch-on cycles within short periods will cause an
increase of the peak inrush current value due to the warm-
ing-up of the NTC resistor. See also:
E option.
Inrush Current Peak Value
The inrush current peak value (initial switch-on cycle) can
be determined by following calculation:
Ui rms
√2
Iinr p = ––––––––––––––––
(
Rs ext + Ri + RNTC)


Similar Part No. - LS4001-7R

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS40 CITIZEN-LS40 Datasheet
475Kb / 2P
   Illuminated Type
logo
Micross Components
LS403 MICROSS-LS403 Datasheet
282Kb / 1P
   Linear Systems replaces discontinued Siliconix U403
logo
DONG IL TECHNOLOGY LTD.
LS403012M DIT-LS403012M Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LS403012M DIT-LS403012M Datasheet
1,005Kb / 1P
   COMMON MODE CHOKE COIL
LS403012N DIT-LS403012N Datasheet
1,005Kb / 1P
   COMMON MODE CHOKE COIL
More results

Similar Description - LS4001-7R

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
   200 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
   360 WATT AC-DC POWER SUPPLY WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com