Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMK4 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # FMK4
Description  Plastic Hood Variations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FMK4 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  FMK4 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FMK4 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
E-63
I / O
Connectors
Trading Division
FMK1G to FMK5G
180° Cable Outlet
FMK1 to FMK5
45° Cable Outlet
FMK1G
15.0
25.0
31.8
39.5
15.4
3.0
9.5
20.8
42.4
12.0
FMK2G
16.0
33.3
40.3
41.0
15.4
3.0
8.5
23.3
43.5
12.0
FMK3G
28.0
47.0
54.0
45.0
15.4
3.0
8.5
31.7
47.7
12.0
FMK4G
44.5
63.5
70.2
48.0
18.5
3.0
12.0
48.2
50.4
15.0
FMK5G
42.0
61.1
67.8
48.0
18.5
3.0
12.0
45.8
50.4
15.0
FMK1
15.0
25.0
31.8
39.5
15.4
3.0
9.5
20.8
42.4
12.0
FMK2
16.0
33.3
40.3
41.0
15.4
3.0
8.5
23.3
43.5
12.0
FMK3
28.0
47.0
54.0
45.0
15.4
3.0
8.5
31.7
47.7
12.0
FMK4
44.5
63.5
70.2
48.0
18.5
3.0
12.0
48.2
50.4
15.0
FMK5
42.0
61.1
67.8
48.0
18.5
3.0
12.0
45.8
50.4
15.0
FKH1
9
10.0
25.0
31.2
31.8
16.0
8.0
FKH2
15
16.1
33.3
40.0
32.0
16.0
8.0
FKH3
25
27.8
47.0
53.4
35.0
16.0
11.3
FKH4
37
44.4
63.5
70.2
41.0
16.0
11.3
FKH5
50
42.0
61.1
67.8
41.0
18.5
13.8
FKH1 to FKH5
180° Cable Outlet
Part Number
A
B
C
D
E
∅F min.
∅F max.
G
H
I
Part Number
A
B
C
D
E
∅F min.
∅F max.
G
H
I
Part Number
No. of Contacts
A
B
C
D
E
∅F
Series D
Plastic Hood Variations (cont‘d)
D-Sub (Metal Hood Variations)


Similar Part No. - FMK4

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
FMK ISABELLENHUETTE-FMK Datasheet
623Kb / 4P
   2 mOhms ±1% 3.5W Chip Resistor 1206 (3216 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
17-April-2020
FMK-M-R002-1.0 ISABELLENHUETTE-FMK-M-R002-1.0 Datasheet
623Kb / 4P
   2 mOhms ±1% 3.5W Chip Resistor 1206 (3216 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
17-April-2020
FMK-M-R002-5.0 ISABELLENHUETTE-FMK-M-R002-5.0 Datasheet
623Kb / 4P
   2 mOhms ±1% 3.5W Chip Resistor 1206 (3216 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
17-April-2020
FMK-M-R003-1.0 ISABELLENHUETTE-FMK-M-R003-1.0 Datasheet
623Kb / 4P
   2 mOhms ±1% 3.5W Chip Resistor 1206 (3216 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
17-April-2020
FMK-V-R004-1.0 ISABELLENHUETTE-FMK-V-R004-1.0 Datasheet
623Kb / 4P
   2 mOhms ±1% 3.5W Chip Resistor 1206 (3216 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
17-April-2020
More results

Similar Description - FMK4

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13-000370 CONEC-13-000370 Datasheet
351Kb / 1P
   PLASTIC HOOD
165X10139X CONEC-165X10139X Datasheet
104Kb / 1P
   PLASTIC HOOD
165X11239X CONEC-165X11239X Datasheet
84Kb / 1P
   D-SUB Plastic Hood
logo
Adam Technologies, Inc.
DD50-HD-PB-AE-TS-12 ADAM-TECH-DD50-HD-PB-AE-TS-12 Datasheet
81Kb / 1P
   5- POSITION PLASTIC HOOD
logo
CONEC Elektronische Bau...
165X10389X CONEC-165X10389X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X11709X CONEC-165X11709X Datasheet
81Kb / 1P
   D-SUB Plastic Hood
165X13219X CONEC-165X13219X Datasheet
70Kb / 1P
   D-SUB Plastic Hood
165X13369X CONEC-165X13369X Datasheet
78Kb / 1P
   D-SUB Plastic Hood
165X13419X CONEC-165X13419X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X13179X CONEC-165X13179X Datasheet
66Kb / 1P
   D-SUB Plastic Hood
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com