Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP110 Datasheet(PDF) 2 Page - Power-One

Part # MAP110
Description  MAP110 SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MAP110 Datasheet(HTML) 2 Page - Power-One

  MAP110 Datasheet HTML 1Page - Power-One MAP110 Datasheet HTML 2Page - Power-One MAP110 Datasheet HTML 3Page - Power-One MAP110 Datasheet HTML 4Page - Power-One MAP110 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MAP110 SERIES
MULTIPLE OUTPUT MODEL SELECTION CHART (CONT.) – 80W CONVECTION COOLED, 110W FORCED AIR COOLED (200 LFM)
MODEL
OUTPUT
ADJUSTMENT
CONVECTION COOLED
FORCED AIR
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT (NOTE 1)
CURRENT
REGULATION
REGULATION
%p-p (NOTE 2)
ACCURACY
+5V
4.75V to 5.25V
12A/20A PK
12A/20A PK
0.2%
0.5%
1%
5.09V to 5.11V
MAP110-4010
+12V
Fixed
5A/9A PK
5A/9A PK
0.1%
2%
1%
11.97V to 12.03V
-5V
Fixed
1A/1.5A PK
1A/1.5A PK
0.2%
1.5%
1%
-4.75V to -5.25V
-12V
Fixed
3A/4A PK
3A/4A PK
0.3%
8%
1%
-11.5V to -12.5V
+5V
4.75V to 5.25V
12A/20A PK
12A/20A PK
0.2%
0.5%
1%
5.09V to 5.11V
MAP110-4011
+12V
Fixed
5A/9A PK
5A/9A PK
0.1%
1%
1%
11.97V to 12.03V
-12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
-11.4V to -12.6V
+24V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
23.2V to 24.8V
+5V
4.75V to 5.25V
12A/20A PK
12A/20A PK
0.2%
0.5%
1%
5.09V to 5.11V
MAP110-4015
+12V
Fixed
5A/9A PK
5A/9A PK
0.1%
1%
1%
11.97V to 12.03V
-15V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
-14.4V to -15.6V
+15V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
14.4V to 15.6V
+12V
11.55V to 12.45V
5A/9A PK
5A/9A PK
0.2%
0.5%
0.5%
11.96V to 12.03V
MAP110-4200
+24V
Fixed
4A/4.5A PK
4A/4.5A PK
0.2%
1%
1%
23.94V to 24.06V
-12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.2%
1%
1%
-11.4V to -12.6V
+5V
Fixed
2A/2.5A PK
2A/2.5A PK
0.2%
1.5%
1%
4.75V to 5.25V
+3.3V
3.2V to 3.4V
12A/20A PK
15A/20A PK
0.3%
0.7%
1%
3.29V to 3.31V
MAP110-4300
+5V
Fixed
5A/12A PK
8A/12A PK
0.2%
1%
1%
4.98V to 5.02V
(Note 3)
-12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
-11.4V to -12.6V
+12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
11.4V to 12.6V
+3.3V
3.2V to 3.4V
12A/15A PK
15A/20A PK
0.3%
0.7%
1%
3.29V to 3.31V
MAP110-4305
+5V
Fixed
5A/12A PK
8A/12A PK
0.2%
1%
1%
4.98V to 5.02V
(Note 3)
-5V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
-4.75V to -5.25V
+12V
Fixed
1A/1.5A PK
1A/1.5A PK
0.1%
1%
1%
11.4V to 12.6V
NOTES:
1) Peak loads up to 110 Watts for 60 seconds or less are acceptable, (10% duty cycle max.). Peak power must not exceed 110 Watts.
2) Maximum peak-to-peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
3) Sum of the output currents of V1 + V2 may not exceed 15A continuous, 22A peak.
New
New
MAXIMUM OUTPUT RATING:
MODEL/OUTPUT
MULTIPLE OUTPUT
SINGLE OUTPUT
MULTIPLE OUTPUT
SINGLE OUTPUT
MULTIPLE OUTPUT
SINGLE OUTPUT
OPTION
BOARD ONLY
BOARD ONLY
‘L’-BRACKET
‘L’-BRACKET
‘C’-COVER
C’-COVER
CONVECTION
CONTINUOUS/PEAK
80W/110W
90W/120W
80W/110W
90W/120W
60W/110W
65W/120W
FORCED AIR
200 LFM
110W
120W
110W
120W
110W
120W
INPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated loads.
85
VAC
Hold-up Time
Nominal AC input voltage (110 VAC)
50% load:
40
mS
Full rated load:
20
Input Current
85 VAC (110W load).
3.5
ARMS
110VAC (110W load).
2.8
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 264 VAC (one cycle). 25°C.
41
APK
Operating Frequency
Switching frequency of main transformer, (fixed frequency).
20
25
kHz


Similar Part No. - MAP110

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
MAP110-1005 BEL-MAP110-1005 Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
MAP110-1012G BEL-MAP110-1012G Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
MAP110-1024G BEL-MAP110-1024G Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
MAP110-4000G BEL-MAP110-4000G Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
More results

Similar Description - MAP110

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com