Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-796635-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-796635-3
Description  TERMINAL BLOCK PLUG, STACKING, 5.08mm PITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-796635-3 Datasheet(HTML) 2 Page - Tyco Electronics

  2-796635-3 Datasheet HTML 1Page - Tyco Electronics 2-796635-3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 2-796635-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-796635-3 TEC-2-796635-3 Datasheet
289Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2-796635-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796634 MACOM-C-796634 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
C-1546108 MACOM-C-1546108 Datasheet
210Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
C-1546208 MACOM-C-1546208 Datasheet
184Kb / 2P
   TERMINAL BLOCK PLUG, STACKING, 5.00mm PITCH
C-796696 MACOM-C-796696 Datasheet
86Kb / 1P
   TERMINAL BLOCK, PLUG, STACKING 5.00mm PITCH
C-284506 MACOM-C-284506 Datasheet
199Kb / 1P
   TERMINAL BLOCK PLUG STACKING 3.5mm PITCH
C-284507 MACOM-C-284507 Datasheet
51Kb / 1P
   TERMINAL BLOCK PLUG STACKING 3.81mm PITCH
C-796640 MACOM-C-796640 Datasheet
243Kb / 2P
   TERMINAL BLOCK PLUG, STACKING 5.00mm PITCH
C-282807 MACOM-C-282807 Datasheet
56Kb / 1P
   TERMINAL BLOCK PLUG, STACKING W/INTERLOCK, 5.08mm, PITCH
C-1546224 MACOM-C-1546224 Datasheet
43Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING LEFT HAND 5.08mm PITCH
C-284041 MACOM-C-284041 Datasheet
115Kb / 1P
   TERMINAL BLOCK VERTICAL PLUG STACKING, LEFT HAND 5.08mm PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com