Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5672AIPFB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5672AIPFB
Description  DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5672AIPFB Datasheet(HTML) 5 Page - Texas Instruments

  DAC5672AIPFB Datasheet HTML 1Page - Texas Instruments DAC5672AIPFB Datasheet HTML 2Page - Texas Instruments DAC5672AIPFB Datasheet HTML 3Page - Texas Instruments DAC5672AIPFB Datasheet HTML 4Page - Texas Instruments DAC5672AIPFB Datasheet HTML 5Page - Texas Instruments DAC5672AIPFB Datasheet HTML 6Page - Texas Instruments DAC5672AIPFB Datasheet HTML 7Page - Texas Instruments DAC5672AIPFB Datasheet HTML 8Page - Texas Instruments DAC5672AIPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ELECTRICAL CHARACTERISTICS
DAC5672A
www.ti.com................................................................................................................................................... SLAS528A – SEPTEMBER 2007 – REVISED MAY 2009
ELECTRICAL CHARACTERISTICS (continued)
over TA, AVDD = DVDD = 3.3 V, I(OUTFS) = 20 mA, independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Input
V(EXTIO)
Input voltage
0.1
1.25
V
RI
Input resistance
1
M
Small signal bandwidth
300
kHz
CI
Input capacitance
100
pF
Temperature Coefficients
Offset drift
2
ppm of
FSR/°C
With external reference
±20
ppm of
FSR/°C
Gain drift
With internal reference
±40
ppm of
FSR/°C
Reference voltage drift
±20
ppm/°C
over TA, AVDD = DVDD = 3.3 V, I(OUTFS) = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz, independent gain set mode (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load
75
90
mA
resistor
I(AVDD)
Supply current, analog
Sleep mode with clock
2.5
6
mA
Sleep mode without clock
2.5
mA
25
38
mA
I(DVDD)
Supply current, digital
Sleep mode with clock
13.4
18
mA
Sleep mode without clock
0.6
mA
330
390
Sleep mode with clock
53
Power dissipation
mW
Sleep mode without clock
9.2
fDATA = 275 MSPS, fOUT = 20 MHz
350
APSRR
Analog power supply rejection ratio
-0.2
-0.01
0.2
%FSR/V
DPSRR
Digital power supply rejection ratio
-0.2
0
0.2
%FSR/V
TA
Operating free-air temperature
-40
85
°C
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC5672A


Similar Part No. - DAC5672AIPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672IPFB TI-DAC5672IPFB Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
More results

Similar Description - DAC5672AIPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com