Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2524D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SG2524D
Description  REGULATING PULSE-WIDTH MODULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG2524D Datasheet(HTML) 3 Page - Texas Instruments

  SG2524D Datasheet HTML 1Page - Texas Instruments SG2524D Datasheet HTML 2Page - Texas Instruments SG2524D Datasheet HTML 3Page - Texas Instruments SG2524D Datasheet HTML 4Page - Texas Instruments SG2524D Datasheet HTML 5Page - Texas Instruments SG2524D Datasheet HTML 6Page - Texas Instruments SG2524D Datasheet HTML 7Page - Texas Instruments SG2524D Datasheet HTML 8Page - Texas Instruments SG2524D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
8
40
V
Reference output current
0
50
mA
Current through CT terminal
–0.03
–2
mA
RT
Timing resistor
1.8
100
k
CT
Timing capacitor
0.001
0.1
µF
TA
Operating free air temperature
SG2524
–25
85
°C
TA
Operating free-air temperature
SG3524
0
70
°C
electrical characteristics over recommended operating free-air temperature range, VCC = 20 V,
f = 20 kHz (unless otherwise noted)
reference section
PARAMETER
TEST CONDITIONS†
SG2524
SG3524
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
Output voltage
4.8
5
5.2
4.6
5
5.4
V
Input regulation
VCC = 8 V to 40 V
10
20
10
30
mV
Ripple rejection
f = 120 Hz
66
66
dB
Output regulation
IO = 0 mA to 20 mA
20
50
20
50
mV
Output voltage change with temperature
TA = MIN to MAX
0.3%
1%
0.3%
1%
Short-circuit output current§
Vref = 0
100
100
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values, except for temperature coefficients, are at TA = 25°C
§ Standard deviation is a measure of the statistical distribution about the mean, as derived from the formula:
s +
N
n
+1
(xn
* X)2
N
* 1
oscillator section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
fosc
Oscillator frequency
CT = 0.001 µF,
RT = 2 kΩ
450
kHz
Standard deviation of frequency§
All values of voltage, temperature, resistance,
and capacitance constant
5%
∆f
Frequency change with voltage
VCC = 8 V to 40 V,
TA = 25°C
1%
∆fosc
Frequency change with temperature
TA = MIN to MAX
2%
Output amplitude at OSC OUT
TA = 25°C
3.5
V
tw
Output pulse duration (width) at OSC OUT
CT = 0.01 µF,
TA = 25°C
0.5
µs
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values, except for temperature coefficients, are at TA = 25°C
§ Standard deviation is a measure of the statistical distribution about the mean, as derived from the formula:
s +
N
n
+1
(xn
* X)2
N
* 1


Similar Part No. - SG2524D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SG2524D TI-SG2524D Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
Microsemi Corporation
SG2524D MICROSEMI-SG2524D Datasheet
82Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
SG2524D MICROSEMI-SG2524D Datasheet
253Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
SG2524DE4 TI-SG2524DE4 Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
SG2524DR TI-SG2524DR Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
More results

Similar Description - SG2524D

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com