Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP80 Datasheet(PDF) 2 Page - Power-One

Part # MAP80
Description  Wide Range Input for 110/220 VAC Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MAP80 Datasheet(HTML) 2 Page - Power-One

  MAP80 Datasheet HTML 1Page - Power-One MAP80 Datasheet HTML 2Page - Power-One MAP80 Datasheet HTML 3Page - Power-One MAP80 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
MAP80 SERIES
MULTIPLE OUTPUT MODEL SELECTION CHART (CONT.) – 80W CONTINUOUS OUTPUT POWER
MODEL
OUTPUT
ADJUSTMENT
OUTPUT
PEAK OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT
CURRENT (NOTE 1)
REGULATION
REGULATION
%p-p (NOTE 2)
ACCURACY
+5V
4.8V to 5.5V
14A
16A
0.2%
1%
1%
5.1V to 5.2V
MAP80-4010
+12V
11.52V to 12.48V
4A
7A
0.2%
1%
1%
12.0V to 12.1V
-5V
Fixed
1A
1A
0.5%
2%
1%
-4.8V to -5.4V
-12V
Fixed
3A
3A
0.5%
2%
1%
-11.5V to -12.5V
+5V
4.8V to 5.5V
14A
16A
0.2%
1%
1%
5.1V to 5.2V
MAP80-4020
+12V
11.52V to 12.48V
4A
7A
0.2%
1%
1%
12.0V to 12.1V
-12V
Fixed
1A
1A
0.5%
2%
1%
-11.5V to -12.5V
-5V
Fixed
3A
3A
0.5%
2%
1%
-4.8V to -5.4V
NOTES:
1) Peak loads up to 90 Watts for 60 seconds or less are acceptable, (10% duty cycle max.). Peak power must not exceed 90 Watts.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth.
INPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range.
90
135
VAC
175
264
Input Frequency
AC input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated loads.
90
VAC
Hold-up Time
Nominal AC input voltage (115VAC), full rated load.
20
mS
Input Current
90 VAC (80W load).
2.5
ARMS
110VAC (80W load).
2.8
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 264VAC (one cycle). 25° C.
45
APK
Operating Frequency
Switching frequency of power supply (varies with load).
22
120
kHz
OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full load, 115VAC. Varies with distribution of loads among outputs.
73
75
80
%
Minimum Loads
MAP80-1012
0.42
MAP80-1024
0.21
Amps
MAP80-1005 and all multiple output models, main channel only.
1.00
Ripple and Noise
Full load, 20MHz bandwidth.
See Model Selection Chart.
Output Power
Continuous output power, all multiple output models.
80
Watts
Peak output power (60s maximum, 10% duty cycle), all multiple output models.
90
Watts
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on, V1, V2.
1
%
Regulation
Varies by output. Total regulation includes: line changes from 90-132 VAC
See Model Selection Chart.
or 175-264, changes in load starting at 20% load and changing to 100% load.
Transient Response
Recovery time, to within 1% of initial set point due to a 50-100%
500
µS
load change, 4% max. deviation. (Main output of multiple output units).
Turn-On Delay
Time required for initial output voltage stabilization.
1
5
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
20
mS
INTERFACE SIGNALS AND INTERNAL PROTECTION
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage
Provided on MAP80-1005 and the main output of multiple output units.
5.5
6.8
Protection
MAP80-1012
17
23
V
MAP80-1024
32
37
Overload Protection
Fully protected against output overload and short circuit. Automatic recovery upon removal of overload condition.
Power Fail
TTL compatible logic signal. Time before regulation dropout
Warning (Note 1)
due to loss of input power at 110VAC.
4
mS
NOTES:
1) Power Fail Warning is not available on MAP80-1024. The MAP80-1012 is an open collector output, capable of sinking 35 mA, maximum.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments,
or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are
subject to change without notice.


Similar Part No. - MAP80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MAP80 BEL-MAP80 Datasheet
684Kb / 5P
   RoHS Compliant
logo
Power-One
MAP80-1005 POWER-ONE-MAP80-1005 Datasheet
135Kb / 4P
   power supplies provides reliable, tightly-regulated DC
MAP80-1012 POWER-ONE-MAP80-1012 Datasheet
135Kb / 4P
   power supplies provides reliable, tightly-regulated DC
logo
Bel Fuse Inc.
MAP80-1012G6 BEL-MAP80-1012G6 Datasheet
684Kb / 5P
   RoHS Compliant
logo
Power-One
MAP80-1024 POWER-ONE-MAP80-1024 Datasheet
135Kb / 4P
   power supplies provides reliable, tightly-regulated DC
More results

Similar Description - MAP80

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP40 POWER-ONE-MAP40 Datasheet
127Kb / 3P
   Wide Range Input for 110/220 VAC Applications
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K80 FSP-FSP060-1K80 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
logo
SL Power Electronics
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
   Wide-Range AC Input 90-264 VAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com