Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG2524DG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SG2524DG4
Description  REGULATING PULSE-WIDTH MODULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG2524DG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SG2524DG4 Datasheet HTML 5Page - Texas Instruments SG2524DG4 Datasheet HTML 6Page - Texas Instruments SG2524DG4 Datasheet HTML 7Page - Texas Instruments SG2524DG4 Datasheet HTML 8Page - Texas Instruments SG2524DG4 Datasheet HTML 9Page - Texas Instruments SG2524DG4 Datasheet HTML 10Page - Texas Instruments SG2524DG4 Datasheet HTML 11Page - Texas Instruments SG2524DG4 Datasheet HTML 12Page - Texas Instruments SG2524DG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown circuitry
COMP also can be employed to introduce external control of the SG2524. Any circuit that can sink 200
µA can
pull the compensation terminal to ground and, thus, disable the SG2524.
In addition to constant-current limiting, CURR LIM+ and CURR LIM– also can be used in transformer-coupled
circuits to sense primary current and shorten an output pulse should transformer saturation occur. CURR LIM–
also can be grounded to convert CURR LIM+ into an additional shutdown terminal.
current limiting
A current-limiting sense amplifier is provided in the SG2524. The current-limiting sense amplifier exhibits a
threshold of 200 mV
±25 mV and must be applied in the ground line since the voltage range of the inputs is limited
to 1 V to –1 V. Caution should be taken to ensure the –1-V limit is not exceeded by either input, otherwise,
damage to the device may result.
Foldback current limiting can be provided with the network shown in Figure 7. The current-limit schematic is
shown in Figure 8.
VO
Rs
R2
R1
EMIT 2
EMIT 1
SG2524
I
O(max) +
1
Rs
200 mV
)
V
O
R2
R1
) R2
I
OS +
200 mV
Rs
CURR LIM+
CURR LIM–
11
14
5
4
Figure 7. Foldback Current Limiting for Shorted Output Conditions
Constant-Current Source
CURR LIM+
COMP
CT
Comparator
Error Amplifier
CURR LIM–
Figure 8. Current-Limit Schematic
† Throughout these discussions, references to the SG2524 apply also to the SG3524.


Similar Part No. - SG2524DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SG2524D TI-SG2524D Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
Microsemi Corporation
SG2524D MICROSEMI-SG2524D Datasheet
82Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
SG2524D MICROSEMI-SG2524D Datasheet
253Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
SG2524DE4 TI-SG2524DE4 Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
SG2524DR TI-SG2524DR Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
More results

Similar Description - SG2524DG4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com