Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LJE0366-3RT Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # LJE0366-3RT
Description  TH Earphone Jacks (∅2.5mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

LJE0366-3RT Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  LJE0366-3RT Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. LJE0366-3RT Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. LJE0366-3RT Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. LJE0366-3RT Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sockets and Connectors
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
LJE Series
TH Earphone Jacks (
∅3.5mm)
LJE0357-B
LJE0357-3RT (Stereo)
LJE0366-*
PCB-Layout (Bottom View)
PCB-Layout (Bottom View)
PCB-Layout (Bottom View)
Part No. (Details)
Part No. (Details)
Part No. (Details)
RoHS
11.9
RoHS
RoHS


Similar Part No. - LJE0366-3RT

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
LJE15B-C VANLONG-LJE15B-C Datasheet
40Kb / 1P
   Dielectric Filter (PF Type)
LJE15B-C VANLONG-LJE15B-C Datasheet
40Kb / 1P
   Excellent mechanical structure
LJE15B-D VANLONG-LJE15B-D Datasheet
40Kb / 1P
   Dielectric Filter (PF Type)
LJE15B-D VANLONG-LJE15B-D Datasheet
40Kb / 1P
   Excellent mechanical structure
LJE20B-C VANLONG-LJE20B-C Datasheet
40Kb / 1P
   Dielectric Filter (PF Type)
More results

Similar Description - LJE0366-3RT

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
AJ406-3-SMT YAMAICHI-AJ406-3-SMT Datasheet
160Kb / 3P
   SMT Earphone Jacks (∅2.5mm)
logo
Adam Technologies, Inc.
ASJ13 ADAM-TECH-ASJ13 Datasheet
156Kb / 1P
   2.6mm & 3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
ASJ-1 ADAM-TECH-ASJ-1 Datasheet
241Kb / 3P
   3.5mm AUDIO JACKS STEREO & MONO EARPHONE JACKS
RCA-122-3-P3NK ADAM-TECH-RCA-122-3-P3NK Datasheet
71Kb / 1P
   EARPHONE JACK
logo
Texas Instruments
TLV320AIC1110 TI1-TLV320AIC1110_15 Datasheet
1,022Kb / 40P
[Old version datasheet]   Differential Earphone Outputs and One Single-Ended Earphone Output
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
SUYIN USA, INC.
010110FB SUYIN-USA-010110FB Datasheet
136Kb / 1P
   2.5mm EARPHONE JACK S.M.D TYPE
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
List of Unclassifed Man...
BASE ETC2-BASE Datasheet
178Kb / 1P
   requires adjustable volume earphone accessory
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com