Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDIN03SSP Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # MDIN03SSP
Description  90째 PTH Power Socket (with and without Shield)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

MDIN03SSP Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  MDIN03SSP Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
C-98
90° PTH Power Socket (with and without Shield)
Specifications
Insulation Resistance:
50M
Ω min. at 250V DC
Withstanding Voltage:
250V AC for 1 minute
Contact Resistance:
30m
Ω max.
Current Rating:
3 Pin Socket: Pins #1 and #2 - 7.5A max. at 20V DC
Pin #3
- 1A max. at 20V DC
4 Pin Socket: All Pins - 5A max. at 20V DC
Operating Temp. Range: -55°C to +85°C
Mating Cycles:
1000 min. at 10 - 20 times
per minute (no electrical load)
Soldering Temp.:
230°C / 3 sec.
Materials and Finish
Housing: Thermoplastic
Contact: Phosphor Bronze
Features
90° Pin Through Hole Receptacle (shielded and unshielded)
Minimum ordering quantity is 1,000 pcs
MiniDIN Series (SP / SSP)
Contact Arrangement and PCB Layouts
Part No.: MDIN03SSP
2
1
34
SP-Type
Without Shielding
SSP-Type
With Shielding
Part No.: MDIN03SP
Part No.: MDIN04SP
Part No.: MDIN4SSP
Bottom View
Bottom View
Bottom View
Front View
Front View
Front View
3 Pins
3 Pins
4 Pins
4 Pins
1
3
2
1
3
2
Bottom View
Front View
2
1
34
RoHS


Similar Part No. - MDIN03SSP

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
MDIN03SS YAMAICHI-MDIN03SS Datasheet
532Kb / 1P
   90째 PTH Socket (with Shield)
MDIN03SSV-G YAMAICHI-MDIN03SSV-G Datasheet
49Kb / 1P
   90째 PTH Socket (with Shield and 4 Grounding Springs)
More results

Similar Description - MDIN03SSP

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
MDIN03SS YAMAICHI-MDIN03SS Datasheet
532Kb / 1P
   90째 PTH Socket (with Shield)
MDIN03SSV-G YAMAICHI-MDIN03SSV-G Datasheet
49Kb / 1P
   90째 PTH Socket (with Shield and 4 Grounding Springs)
MDIN03K YAMAICHI-MDIN03K Datasheet
56Kb / 1P
   180째 PTH Socket
MDIN03G YAMAICHI-MDIN03G Datasheet
100Kb / 1P
   180째 PTH Jam-Nut Socket
logo
Harwin Plc
S0981-46R HARWIN-S0981-46R Datasheet
102Kb / 1P
   90째 SURFACE MOUNT RFI SHIELD CLIP IN TAPE AND REEL
logo
SparkFun Electronics
PRT-08619 SPARKFUN-PRT-08619 Datasheet
213Kb / 1P
   ProtoBoard - Wombat (PTH)
3/24/2017
logo
Yamaichi Electronics Co...
ZS1-06N-S YAMAICHI-ZS1-06N-S Datasheet
61Kb / 1P
   I.D.C. Socket with / without Polarization Bump
ZS4A-06-G2 YAMAICHI-ZS4A-06-G2 Datasheet
57Kb / 1P
   90째 TH Socket for PCB Mount
logo
Vicor Corporation
12861 VICOR-12861 Datasheet
42Kb / 1P
   VI-200 MODULE SHIELD WITHOUT PEM NUTS
logo
Yamaichi Electronics Co...
HF507-41-01 YAMAICHI-HF507-41-01 Datasheet
419Kb / 4P
   Non-ZIF 90째 Socket Direct Mating Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com