Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBS-26-T1-LL-1 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # MBS-26-T1-LL-1
Description  MatchCon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

MBS-26-T1-LL-1 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  MBS-26-T1-LL-1 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. MBS-26-T1-LL-1 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. MBS-26-T1-LL-1 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. MBS-26-T1-LL-1 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. MBS-26-T1-LL-1 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. MBS-26-T1-LL-1 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-51
Internal
Connectors
Trading Division
MBS-6-S1-LL-*
6
12.24
6.35
8.14
9.54
MBS-8-S1-LL-*
8
14.78
8.89
10.68
12.08
MBS-10-S1-LL-*
10
17.32
11.43
13.22
14.62
MBS-12-S1-LL-*
12
19.86
13.97
15.76
17.16
MBS-14-S1-LL-*
14
22.40
16.51
18.30
19.70
MBS-16-S1-LL-*
16
24.94
19.05
20.84
22.24
Part Number
Pin Count
A
B
C
D
Standard Types
MBS-4-S1-LL-*
4
9.70
3.81
5.60
7.00
MBS-18-S1-LL-*
18
27.48
21.59
23.38
24.78
MBS-20-S1-LL-*
20
30.02
24.13
25.92
27.32
MBS-22-S1-LL-*
22
32.56
26.67
28.46
29.86
MBS-24-S1-LL-*
24
35.10
29.21
31.00
32.40
MBS-26-S1-LL-*
26
37.64
31.75
33.54
34.94
Part Number
Pin Count
A
B
C
D
For the following pin counts are available on request, please contact Yamaichi
Series MatchCon
180° Female Box Header w. and w/o Lock, (1.27mm Pitch) SMT
Specifications
Insulation Resistance:
1,000M
Ω min.
Withstanding Voltage:
500V ACrms for 1 minute
Contact Resistance:
20m
Ω max.
Current Rating:
1.0A AC/DC
Voltage Rating:
30V AC/DC
Operating Temp. Range: –40°C to +105°C
Materials and Finish
Insulator: High Temperature Plastic UL94V-0
Contacts: Phosphor Bronze
Plating:
Tin over Nickel (matt finish)
Features
1.27mm staggered centre line
Additional positioning spring absorbs relative movements
Air tight connection
Outline Dimensions with locking
Outline Dimensions without locking
Series (female)
No. of Pins
Termination Type: S = SMT
1 = 180° Type
Plating: Mating / Termination Area
LL = Tin / Tin
1 = with Locking
0 = without Locking
MBS
- 16 - S 1 - LL *
Part Number (Details)
PCB Layout


Similar Part No. - MBS-26-T1-LL-1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBS-1 MCC-MBS-1 Datasheet
117Kb / 3P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
MBS-YJ YANGJIE-MBS-YJ Datasheet
267Kb / 2P
   SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com