Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU150 Datasheet(PDF) 4 Page - Power-One

Part # MPU150
Description  Power Factor Correction (PFC) Meets EN61000-3-2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MPU150 Datasheet(HTML) 4 Page - Power-One

  MPU150 Datasheet HTML 1Page - Power-One MPU150 Datasheet HTML 2Page - Power-One MPU150 Datasheet HTML 3Page - Power-One MPU150 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
J300 INTERFACE CONNECTIONS
PIN
10. +S, V1
9. –S, V1 & –S, V2
8. CURRENT SHARE, V1
7. +S, V2
6. CURRENT SHARE, V2
5. NO CONNECTION
4. OUTPUT GOOD, V1
3. POWER FAIL WARNING
2. INHIBIT
1. SIGNAL GROUND
RTN
J3
+V3
RTN
J1
+V1
+V2
+ or L
- or N
V1,V.
ADJ.
V2,V.
ADJ.
J1
INPUT
OUTPUTS:
8-32 SCREW
CONNECTIONS,
4 PLACES
RTN
J2
+V3
RTN
V3 ADJ.
J3
V1 & V2 RTN
+V1
+V2
+V3
–V3
+V4
–V4
V1 ADJ.
V2 ADJ.
J3
J2
V4 ADJ.
OUTPUTS:
TRIPLE OUTPUT
QUAD OUTPUT
MPU/MDU150 SERIES
®
OVERALL SIZE: 8.00" x 4.20" x 1.50" (203.2mm x 106.7mm x 38.1mm) WEIGHT: 2.0 LBS (0.89 kg)
0.75"
(19.1mm)
1.50"
(38.1mm)
3.750"
(95.3mm)
4.20"
(106.7mm)
0.23"±0.03"
(5.7mm)
6.500" (165.1mm)
8.00" (203.2mm)
7.400" (188.0mm)
0.75"
(19.1mm)
0.30"
(7.6mm)
SUGGESTED AIR FLOW
6-32 FLUSH NUT 8 PLACES (BOTH SIDES TYP.)
WITH METRIC MOUNTING OPTION:
M4 X 0.7, 8 PLACES. MAXIMUM TORQUE: 3.5 IN/LBS (0.40N/M)
CHASSIS: 0.063" (1.6mm) ALUMINUM ALLOY,
WITH CLEAR FINISH
CONNECTOR
MOLEX
HOUSING
PIN
PINS
PINS
WIRE
SERIES
SERIES
(LOOSE)
(CHAIN)
GAUGE
41695
09-50-8051
6838
08-50-0189
08-50-0187
18-20AWG
J1
41695
09-50-8051
2478
08-50-0106
08-50-0105
18-20AWG
(ALL MODELS)
2139
09-50-3051
2478
08-50-0106
08-50-0105
18-20AWG
J2
5051-N
22-01-1022
2759
08-50-0114
08-50-0113
22-30AWG
(TRIPLE OUTPUT)
5051-N
22-01-1022
2759
08-65-0805
08-65-0804
22-30AWG
41695
09-50-8021
6838
08-50-0189
08-50-0187
18-20AWG
J3
41695
09-50-8021
2478
08-50-0106
08-50-0105
18-20AWG
(TRIPLE OUTPUT)
2139
09-50-3021
2478
08-50-0106
08-50-0105
18-20AWG
41695
09-50-8061
6838
08-50-0189
08-50-0187
18-20AWG
J3
41695
09-50-8061
2478
08-50-0106
08-50-0105
18-20AWG
(QUAD OUTPUT)
2139
09-50-3061
2478
08-50-0106
08-50-0105
18-20AWG
J300
5264-N
50-37-5103
5263
80-70-1040
80-70-1039
22-28AWG


Similar Part No. - MPU150

ManufacturerPart #DatasheetDescription
logo
Power-One
MPU150-3300 POWER-ONE-MPU150-3300 Datasheet
247Kb / 6P
   Power Factor Correction (PFC) with a low-profile package
MPU150-3524 POWER-ONE-MPU150-3524 Datasheet
247Kb / 6P
   Power Factor Correction (PFC) with a low-profile package
MPU150-4000 POWER-ONE-MPU150-4000 Datasheet
247Kb / 6P
   Power Factor Correction (PFC) with a low-profile package
MPU150-4230 POWER-ONE-MPU150-4230 Datasheet
247Kb / 6P
   Power Factor Correction (PFC) with a low-profile package
MPU150-4350 POWER-ONE-MPU150-4350 Datasheet
247Kb / 6P
   Power Factor Correction (PFC) with a low-profile package
More results

Similar Description - MPU150

ManufacturerPart #DatasheetDescription
logo
Power-One
MPB80 POWER-ONE-MPB80 Datasheet
72Kb / 4P
   Power Factor Correction (PFC) Meets EN61000-3-2
logo
Sparkle Power Inc.
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
logo
Bel Fuse Inc.
PFC500 BEL-PFC500 Datasheet
823Kb / 5P
   Power Factor Correction meets EN61000-3-2 (AC input versions)
logo
Sparkle Power Inc.
FSP250-60FAG SPI-FSP250-60FAG Datasheet
38Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-70PFU SPI-FSP250-70PFU Datasheet
40Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60UAP SPI-FSP300-60UAP Datasheet
98Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60WAP SPI-FSP300-60WAP Datasheet
95Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP500-70AAPB SPI-FSP500-70AAPB Datasheet
97Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP350-60UAP SPI-FSP350-60UAP Datasheet
98Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com