Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHA026-MC01 Datasheet(PDF) 3 Page - Yamaichi Electronics Co., Ltd.

Part # NHA026-MC01
Description  Metal Cover
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NHA026-MC01 Datasheet(HTML) 3 Page - Yamaichi Electronics Co., Ltd.

  NHA026-MC01 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NHA026-MC01 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. NHA026-MC01 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. NHA026-MC01 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. NHA026-MC01 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
E-39
I/O
Connectors
F0r the version below please contact Yamaichi, minimum order quantity may be required
Part Number (Details)
Series No.
No. of Leads
Type MC = Metal Cover
03 = For I/O Cables
NHA
050 - MC 03
Series NHA
Metal Cover (60° Cable Exit)
NHA036-MC03
36
40.85
0.60
7.80
∅6.9 ~ ∅7.7
NHA068-MC03
68
61.17
10.71
9.40
∅8.5 ~∅ 9.5
Outline Dimensions
Standard types
NHA050-MC03
50
49.74
5.00
8.60
∅7.6 ~ ∅8.6
Common Connector Cover
Materials and Finish
Metal Parts: ZDC, Nickel Plated
Features
Metal cover for EMI protection
Part Number
No. of Leads
A
B
C
Cable Outer Dia.


Similar Part No. - NHA026-MC01

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NHA026-MC01 YAMAICHI-NHA026-MC01 Datasheet
124Kb / 2P
   IDC Type Plugs
More results

Similar Description - NHA026-MC01

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CN015RZ-3123-0 YAMAICHI-CN015RZ-3123-0 Datasheet
190Kb / 3P
   Direct Mounting, Metal Cover
logo
HARTING Technology Grou...
09-30-016-5404 HARTING-09-30-016-5404 Datasheet
464Kb / 2P
   Han 16B-Cover-Metal
2021-10-01
logo
Glenair, Inc.
500-008M1R3GAD-01 GLENAIR-500-008M1R3GAD-01 Datasheet
84Kb / 2P
   D-Subminiature Metal Protective Cover
500-017C09MBN4-06 GLENAIR-500-017C09MBN4-06_04 Datasheet
381Kb / 2P
   Micro-D Metal Protective Cover
logo
HARTING Technology Grou...
09-20-003-5432 HARTING-09-20-003-5432 Datasheet
471Kb / 2P
   Han 3A-metal cover with seal
logo
Tyco Electronics
2-1462051-4 MACOM-2-1462051-4 Datasheet
31Kb / 1P
   HF3-Relay metal cover 50??Dimensions
logo
HARTING Technology Grou...
09-30-048-0317 HARTING-09-30-048-0317 Datasheet
461Kb / 2P
   Han 48B Base with Metal Cover
09-62-816-5425 HARTING-09-62-816-5425 Datasheet
473Kb / 2P
   Han EMC/B 16 Protection Cover metal
logo
Glenair, Inc.
667-217 GLENAIR-667-217 Datasheet
152Kb / 1P
   Double-Start ACME Thread Metal Protective Cover
logo
HARTING Technology Grou...
09-62-824-5425 HARTING-09-62-824-5425 Datasheet
496Kb / 2P
   Han EMC/B 24 Protection Cover metal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com