Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHA068S-PC01-0 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # NHA068S-PC01-0
Description  IDC Type Plastic Plug for Internal Use (1.27mm Pitch)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NHA068S-PC01-0 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  NHA068S-PC01-0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NHA068S-PC01-0 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sockets and Connectors
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
NHA Series
Over-molded Cover - SCSI-3 (180° Cable Exit)
NHA
068 S - PC 01 - *
Part Number (Details)
Series No.
No. of Leads
Mating Lock Type:
S = Screw Lock
Type of Cover = Over-molded
Metal Cover
01 = For I/O Cables
Cover Colour:
0 = Beige
1 = Grey
2 = Black
Screw Lock Type Cover
Materials and Finish
Hood: ABS, UL94V-0 rated
Metal Parts: ZDC, Nickel Plated
Features
➭ Applicable cable outer diameter: 9.5 to 10.5mm
➭ Shielded and Over-molded cover for EMI / ESD protection
Outline Dimensions


Similar Part No. - NHA068S-PC01-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NHA068-MC01 YAMAICHI-NHA068-MC01 Datasheet
124Kb / 2P
   IDC Type Plugs
NHA068-MC01 YAMAICHI-NHA068-MC01 Datasheet
501Kb / 5P
   Metal Cover
NHA068-MC03 YAMAICHI-NHA068-MC03 Datasheet
501Kb / 5P
   Metal Cover
More results

Similar Description - NHA068S-PC01-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NFS-10A-0110BF YAMAICHI-NFS-10A-0110BF Datasheet
47Kb / 1P
   IDC Type Socket (1.27mm Pitch)
logo
Dubilier
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1 Datasheet
115Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
logo
Yamaichi Electronics Co...
NHS068T3-000-BS0 YAMAICHI-NHS068T3-000-BS0 Datasheet
88Kb / 2P
   IDC Type Socket w/o Latch Blocks (1.27mm Pitch)
NFP-10G-0100BF YAMAICHI-NFP-10G-0100BF Datasheet
46Kb / 1P
   IDC Transition Header (1.27mm Pitch)
NDP050-003-BF YAMAICHI-NDP050-003-BF Datasheet
88Kb / 1P
   90째 SMT Type Plug (1.27mm Pitch)
logo
Dubilier
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1 Datasheet
101Kb / 1P
   IDC IDC DIP PLUG (TRANSITION)
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC7S30BGA1 DUBILIER-DBCIDCC7S30BGA1 Datasheet
84Kb / 1P
   IDC BOX HEADER SMT 1.27mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com