Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPB125-2024 Datasheet(PDF) 3 Page - Power-One

Part # MPB125-2024
Description  High Power Density in Industry Standard 3 x 5 Footprint
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MPB125-2024 Datasheet(HTML) 3 Page - Power-One

  MPB125-2024 Datasheet HTML 1Page - Power-One MPB125-2024 Datasheet HTML 2Page - Power-One MPB125-2024 Datasheet HTML 3Page - Power-One MPB125-2024 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MPB125 SERIES
SAFETY, REGULATORY, AND EMI SPECIFICATIONS (CONTINUED)
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Flicker
Per EN61000-3-3.
Radiated Susceptibility
Per EN61000-4-3.
EFT/Burst
Per EN61000-4-4.
Input Transient Protection
Per EN61000-4-5.
RF Immunity
Per EN61000-4-6.
Magnetic Fields
Per EN61000-4-8.
Voltage Dips
Per EN61000-4-11.
Insulation Resistance
Input to output.
10
M
Leakage Current
Per EN60950 (264 VAC)
1.0
mA
ENVIRONMENTAL SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating
10K
ASL Feet
Non-Operating
50K
Operating Temperature
At 100% load:
0
50
°C
Storage Temperature
-40
70
°C
Forced-Air Cooling
Forced-air cooling of 130 LFM at 5 CFM is required for full output power. Air
velocity is measured with power supply mounted on 0.375" (9.5mm) standoffs.
Airflow direction is from the input section to the output section.
Temperature Coefficient
0°C to 70°C (after 15 minute warm-up).
±0.02
±0.05
%/°C
Relative Humidity
Non-Condensing.
5
85
%RH
Shock
Operating: 11 ±3mS, 3 axes, Half Sine.
15
G
Non-operating: 11 ±3mS, 3 axes, Half Sine.
30
Vibration
Operating:
Random vibration, 5-500 Hz, 10 minutes each axis.
2.4
GRMS
Non-Operating: Random vibration, 5-500 Hz, 10 minutes each axis.
4.8
GRMS
Advanced Product
Release


Similar Part No. - MPB125-2024

ManufacturerPart #DatasheetDescription
logo
Power-One
MPB125-2024 POWER-ONE-MPB125-2024 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
More results

Similar Description - MPB125-2024

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMA212 XPPOWER-EMA212 Datasheet
177Kb / 2P
   Industry Standard 3 x 5 Footprint
logo
ETA-USA
ZME250-SX-F-W ETA-USA-ZME250-SX-F-W Datasheet
1Mb / 2P
   250W High Power density, 250W in 3" x 5" footprint
logo
Vishay Siliconix
VOM452 VISHAY-VOM452 Datasheet
143Kb / 9P
   Industry standard SOP-5 footprint
Rev. 1.6, 31-May-16
logo
Lumileds Lighting Compa...
L2C4-2795XS02F04B0 LUMILEDS-L2C4-2795XS02F04B0 Datasheet
2Mb / 14P
   Higher lumen density with industry standard footprint
20191013
L2C4-2780XS01F0400 LUMILEDS-L2C4-2780XS01F0400 Datasheet
2Mb / 15P
   Higher lumen density with industry standard footprint
20191012
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Lumileds Lighting Compa...
L2C4-2780XS01F0600 LUMILEDS-L2C4-2780XS01F0600 Datasheet
3Mb / 18P
   High efficacy with industry standard footprint
20191013
logo
Delta Electronics, Inc.
V48SH1R050NNFA DELTA-V48SH1R050NNFA Datasheet
984Kb / 16P
   Industry standard footprint and pinout
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com