Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJS008-2100-0 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # PJS008-2100-0
Description  microSD Card Reader - Push / Push (Top Mount)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

PJS008-2100-0 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  PJS008-2100-0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
Connectors
A-19
Recommended PCB Layout
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
500V AC rms for 1 minute
Contact Resistance:
100m
Ω at 1mA / 20mV max.
Voltage Rating:
50Vrms AC
Current Rating:
0.5A
Operating Temp. Range: –25
°C to +85°C
Coplanarity:
< 0.1mm
Reflow Temp.:
220°C for max.60 secs.,260° peak / 10 secs.
Mating Cycles:
10,000 (office environment)
Materials and Finish
Insulator:
LCP (black)
Shielding Plate: SUS
Contacts:
Base PB, Plating Ni-Au
Outline Dimensions for PJS008-2100-0
Series No.
Number of Contacts
Design No.
0 = without Postioning Pins
Card Insertion Details
Features
Super low profile of 1.5mm
Top Mount
Card detector and lock mechanism
Smooth extraction function by Push-in / Push-out of card
Special card brake (indepedant from card thickness)
Tape & Reel packaging 1,500 pcs per reel
Part Number (Details)
PJS
008 - 2100 - 0
Series PJS
microSD Card Reader - Push / Push (Top Mount)
Top View
Prohibited
Area


Similar Part No. - PJS008-2100-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
   microSD card connector
More results

Similar Description - PJS008-2100-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008-2300-0 YAMAICHI-PJS008-2300-0 Datasheet
119Kb / 1P
   microSD Card Reader - Push / Push (Top Mount)
NMS011-2600-1 YAMAICHI-NMS011-2600-1 Datasheet
158Kb / 2P
   miniSD Card Reader - Push/Push (Top Mount)
PGS010-2000-0 YAMAICHI-PGS010-2000-0 Datasheet
88Kb / 1P
   MMCmicro Card Reader - Push/Push (Top Mount)
logo
ALPS ELECTRIC CO.,LTD.
SCHA ALPS-SCHA Datasheet
213Kb / 4P
   Connector for microSD??Card (Push-push Type)
logo
3M Electronics
2900 3M-2900 Datasheet
216Kb / 4P
   Card Connector microSD - Normal Polarization, Push-Push, Surfacemount
logo
Yamaichi Electronics Co...
NMS011-2500-1 YAMAICHI-NMS011-2500-1 Datasheet
168Kb / 2P
   miniSD Card Reader - Push / Push (Reversed Type)
logo
Molex Electronics Ltd.
5025700893 MOLEX1-5025700893_19 Datasheet
30Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027020891 MOLEX1-5027020891_19 Datasheet
34Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type
5027740891 MOLEX1-5027740891_19 Datasheet
31Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Reverse Mount Surface Mount, Push-Push Type
logo
Yamaichi Electronics Co...
FPS009-2901-0 YAMAICHI-FPS009-2901-0 Datasheet
176Kb / 2P
   SD Card & MMC Reader - Push / Push (Low Profile)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com