Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP-8-TI9-LL Datasheet(PDF) 5 Page - Yamaichi Electronics Co., Ltd.

Part # MCP-8-TI9-LL
Description  MatchCon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

MCP-8-TI9-LL Datasheet(HTML) 5 Page - Yamaichi Electronics Co., Ltd.

  MCP-8-TI9-LL Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. MCP-8-TI9-LL Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. MCP-8-TI9-LL Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. MCP-8-TI9-LL Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. MCP-8-TI9-LL Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. MCP-8-TI9-LL Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-54
Trading Division
MCP-6-TI9-LL
6
10.99
5.08
MCP-8-TI9-LL
8
13.53
7.62
MCP-10-TI9-LL
10
16.07
10.16
MCP-12-TI9-LL
12
18.61
12.70
MCP-14-TI9-LL
14
21.15
15.24
MCP-16-TI9-LL
16
23.69
17.78
Part Number
Pin Count
A
B
Standard Types
MCP-4-TI9-LL
4
8.45
2.54
MCP-18-TI9-LL
18
26.23
20.32
MCP-20-TI9-LL
20
28.77
22.86
MCP-22-TI9-LL
22
31.31
25.40
MCP-24-TI9-LL
24
33.85
27.94
MCP-26-TI9-LL
26
36.39
30.48
Part Number
Pin Count
A
B
For the followiing pin counts are available on request, please contact Yamaichi
Series MatchCon
90° Male IDC Paddle Type (1.27mm Pitch) TH
Specifications
Insulation Resistance:
1,000M
Ω min.
Withstanding Voltage:
500V ACrms for 1 minute
Contact Resistance:
20m
Ω max.
Current Rating:
1.0A AC/DC
Voltage Rating:
30V AC/DC
Operating Temp. Range: –40°C to +105°C
Materials and Finish
Insulator: High Temperature Plastic UL94V-0
Contacts: Phosphor Bronze
Plating:
Tin over Nickel (matt finish)
Features
1.27mm staggered centre line
Additional positioning spring absorbs relative movements
Air tight connection
Outline Dimensions (TH 90°)
Series (male)
No. of Pins
Termination Type:
T = TH
I = IDC
9 = 90° Type
Plating: Mating / Termination Area
LL = Tin / Tin
MCP
- 16 - T I
9 - LL
Part Number (Details)
PCB Layout
Applicable Cables
AWG 27 stranded wire, 1.27mm pitch
(e.g. DK**-*, see Section F)


Similar Part No. - MCP-8-TI9-LL

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MCP-02 MPD-MCP-02 Datasheet
321Kb / 2P
   Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
MCP-02D-0803 MPD-MCP-02D-0803 Datasheet
321Kb / 2P
   2W Output Power
MCP-02D-0803 MPD-MCP-02D-0803 Datasheet
321Kb / 2P
   Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
MCP-02D-0805 MPD-MCP-02D-0805 Datasheet
321Kb / 2P
   2W Output Power
MCP-02D-0805 MPD-MCP-02D-0805 Datasheet
321Kb / 2P
   Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com