Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3525BDWTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3525BDWTR
Description  Regulating Pulse Width Modulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3525BDWTR Datasheet(HTML) 2 Page - Texas Instruments

  UC3525BDWTR Datasheet HTML 1Page - Texas Instruments UC3525BDWTR Datasheet HTML 2Page - Texas Instruments UC3525BDWTR Datasheet HTML 3Page - Texas Instruments UC3525BDWTR Datasheet HTML 4Page - Texas Instruments UC3525BDWTR Datasheet HTML 5Page - Texas Instruments UC3525BDWTR Datasheet HTML 6Page - Texas Instruments UC3525BDWTR Datasheet HTML 7Page - Texas Instruments UC3525BDWTR Datasheet HTML 8Page - Texas Instruments UC3525BDWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
UC1525B UC1527B
UC2525B UC2527B
UC3525B UC3527B
DIL-16, SOIC-16 (Top View)
J or N, DW Packages
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, (+VIN) ........................... +40V
Collector Supply Voltage (VC)...................... +40V
Logic Inputs ............................ –0.3V to +5.5V
Analog Inputs............................. –0.3V to VIN
Output Current, Source or Sink ................... 500mA
Reference Output Current ........................ 50mA
Oscillator Charging Current ........................5mA
Power Dissipation at TA = +25°C................. 1000mW
Power Dissipation at TC = +25°C ................ 2000mW
Operating Junction Temperature .......... –55°C to +150°C
Storage Temperature Range ............. –65°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
All currents are positive into, negative out of the specified ter-
minal. Consult Packaging Section of Databook for thermal limi-
tations and considerations of packages.
CONNECTION DIAGRAMS
LCC-20, PLCC-20 (Top View)
L, Q Packages
RECOMMENDED OPERATING CONDITIONS
(Note 1)
Input Voltage (+VIN) .......................+8V to +35V
Collector Supply Voltage (VC) .............. +4.5V to +35V
Sink/Source Load Current (steady state) ........0to 100mA
Sink/Source Load Current (peak) ..............0to 400mA
Reference Load Current ......................0to 20mA
Oscillator Frequency Range .............. 100Hz to 400kHz
Oscillator Timing Resistor ..................2k
Ω to 150kΩ
Oscillator Timing Capacitor .............. 0.001
µFto0.1µF
Dead Time Resistor Range ...................0
Ω to 500Ω
Note 1: Range over which the device is functional and parame-
ter limits are guaranteed.
ELECTRICAL CHARACTERISTICS:Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the
UC1525B and UC1527B; –40°C to +85°C for the UC2525B and UC2527B; 0°C to +70°C for the UC3525B and UC3527B; +VIN =
20V, TA =TJ.
PARAMETER
TEST CONDITIONS
UC1525B/UC2525B
UC1527B/UC2527B
UC3525B
UC3527B
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Reference Section
Output Voltage
TJ = 25°C
5.062
5.10
5.138
5.036
5.10
5.164
V
Line Regulation
VIN = 8V to 35V
5
10
5
10
mV
Load Regulation
IL = 0mA to 20mA
7
15
7
15
mV
Temperature Stability (Note 2)
Over Operating Range
10
50
10
50
mV
Total Output Variation
Line, Load, and Temperature
5.036
5.164
5.024
5.176
V
Short Circuit Current
VREF = 0, TJ =25°C
80
100
80
100
mA
Output Noise Voltage (Note 2)
10Hz
≤ f ≤10kHz, TJ = 25°C
40
200
40
200
µVrms
Long Term Stability (Note 2)
TJ = 125°C, 1000 Hrs.
3
10
3
10
mV


Similar Part No. - UC3525BDWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3525BDWTR TI-UC3525BDWTR Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525BDWTRG4 TI-UC3525BDWTRG4 Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
More results

Similar Description - UC3525BDWTR

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com