Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP110-4305 Datasheet(PDF) 4 Page - Power-One

Part # MAP110-4305
Description  MAP110 SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MAP110-4305 Datasheet(HTML) 4 Page - Power-One

  MAP110-4305 Datasheet HTML 1Page - Power-One MAP110-4305 Datasheet HTML 2Page - Power-One MAP110-4305 Datasheet HTML 3Page - Power-One MAP110-4305 Datasheet HTML 4Page - Power-One MAP110-4305 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAP110 SERIES
ENVIRONMENTAL SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-operating.
50k
ASL Ft.
Operating Temperature
Derate linearly above 50°C by 2.5% per° C
At 100% load:
0
50
°C
to a maximum temperature of 70°C.
At 50% load:
0
70
°C
Storage Temperature
-55
85
°C
Temperature Coefficient
0°C to 70°C.
±0.03
±0.05
%/°C
Relative Humidity
Non-condensing.
95
%RH
OPTIONS
DESCRIPTION
NOTES
DIMENSIONS
L-Bracket
Add ‘L’ suffix to model number.
7.15" x 4.50" x 2.40"
(182.0mm x 115.0mm x 61.0mm)
Cover
Add ‘C’ suffix to model number. Includes L-Bracket.
7.20" x 4.50" x 2.40"
(183.0mm x 115.0mm x 61.0mm)
Power Fail
Add ‘P’ suffix to model number. Provides >5 mS typical warning time before
N/A
Signal
main output drops 5%. Warning time increases at reduced load levels.
Thermal
Add ‘T’ suffix to model number. Initiates shut-down in the event of an overtemperature
N/A
Shutdown
condition. Automatic recovery.
4
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Part No. - MAP110-4305

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MAP110-4305*5,6 BEL-MAP110-4305*5,6 Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
More results

Similar Description - MAP110-4305

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com