Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS03ZB-M6 Datasheet(PDF) 6 Page - Power-One

Part # NDS03ZB-M6
Description  NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NDS03ZB-M6 Datasheet(HTML) 6 Page - Power-One

Back Button NDS03ZB-M6 Datasheet HTML 2Page - Power-One NDS03ZB-M6 Datasheet HTML 3Page - Power-One NDS03ZB-M6 Datasheet HTML 4Page - Power-One NDS03ZB-M6 Datasheet HTML 5Page - Power-One NDS03ZB-M6 Datasheet HTML 6Page - Power-One NDS03ZB-M6 Datasheet HTML 7Page - Power-One NDS03ZB-M6 Datasheet HTML 8Page - Power-One NDS03ZB-M6 Datasheet HTML 9Page - Power-One NDS03ZB-M6 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product Specifications
NDS Series: 10W / 3.0A DC/DC Converters
Nov 2001
36-75V Input
1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
5-Nov-01
Rev 1.1
Page 6 of 14
www.power-one.com
Output Specifications
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
NDS03ZE : 3.3V/3.0A
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage
Setpoint Accuracy
Vo
Vin.Nom, Io = 1.5A, 25
°C
3.26
3.3
3.34
Vdc
Output Current
Io
Vin.Min to Vin.Max
0
3.0
Adc
Line Regulation
Vin.Min to Vin.Max, 50%
Io.Max
65
mV
Load Regulation
Vin.Nom, Io.Min to Io.Max
65
mV
Dynamic Regulation
Peak Deviation
Settling Time
50-100% Io.Max load step
change.
to 1% error band
250
250
± mV
µs
Output Voltage Ripple*
Vr
Vin.Min to Vin.Max, Io.Min to
Io Max, 20MHz Bandwidth
50
75
mVp-p
Admissible Load
Capacitance
Comax
Io.Max, Vin.Nom
2,200
µF
Output Current Limit
Threshold
Icl
Vout ≤0.90 Vo.Nom
120
200
%Io.Max
Switching Frequency
Fs
Vin.Nom, Io.Max
400
kHz
Temperature
Coefficient
Tco
0.02
%Vo/
°C
Trim Range
Vt
Io.Min to Io.Max, Vin.Min to
Vin.Max
3.0
3.6
Vo
* Measured with a 1
µF ceramic across the output pins
NDS03ZE Characteristic curves
Output Voltage Vs Load
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Iout (A)
Vout (V)
Vin Min
Vin Nom
Vin Max
Efficiency Vs Load
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
Iout (A)
Efficiency
Vin Min
Vin Nom
Vin Max


Similar Part No. - NDS03ZB-M6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
NDS03ZE-M6G BEL-NDS03ZE-M6G Datasheet
1Mb / 11P
   RoHS-compliant for all six substances
More results

Similar Description - NDS03ZB-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Bel Fuse Inc.
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
logo
Power-One
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
logo
Bel Fuse Inc.
S7AH-10J BEL-S7AH-10J Datasheet
135Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com