Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3K6B Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # TS3K6B
Description  Modular Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

TS3K6B Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  TS3K6B Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. TS3K6B Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. TS3K6B Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. TS3K6B Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. TS3K6B Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. TS3K6B Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
TS Series
Modular Jacks (PCB Mounted, Unshielded)
TS2K**
PCB-Layout (Top View)
TS2K**-C
PCB-Layout (Top View)
TS2K4*
4
13.72
11.18
7.62
3.81
TS2K6*
6
15.75
13.21
10.16
6.35
TS2K8*
8
17.78
15.24
11.43
8.89
Part No.
No. of
Positons
AB
Part No.
No. of
Positions
AB
C
C
TS2K4*-C
4
13.72
11.48
7.62
TS2K6*-C
6
15.75
13.21
10.16
TS2K8*-C
8
17.78
15.24
11.43
TS2K10*-C
10
17.78
15.24
11.43
* Depopulation of contacts possible
TS4*
4
10.00
10.00
3.06
TS6*
6
12.20
12.00
5.10
TS8*
8
15.10
15.00
7.14
TS10*
10
15.10
15.00
9.18
Part No.
No. of
Postions
AB
C
TS**
* Depopulation of contacts possible
PCB-Layout (Top View)
* Depopulation of contacts possible
D
Materials and Finish
Standard material: Glass filled polyester (UL94V-0)
Standard color:
Black
Soldering Temp.:
240°C / 5 sec.
Contact:
Thickness 0.35mm Alloy C5210,
Gold plating over Nickel (contact area)
Tin Plating over Nckel (solder area)
Materials and Finish
Standard material: Glass filled polyester (UL94V-0)
Standard color:
Black
Soldering Temp.:
215°C / 5 sec.
Contact:
Thickness 0.35mm Alloy C5210,
Gold plating over Nickel (contact area)
Tin Plating over nickel (solder area)
RoHS
RoHS
RoHS


Similar Part No. - TS3K6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS3 ETC2-TS3 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
logo
STATEK CORPORATION
TS3 STATEK-TS3 Datasheet
196Kb / 2P
   Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
Revision: 31-Jan-17
TS3 VISHAY-TS3 Datasheet
114Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
01-Jan-2022
logo
List of Unclassifed Man...
TS3-0155-32S-P1 ETC2-TS3-0155-32S-P1 Datasheet
440Kb / 10P
   1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
More results

Similar Description - TS3K6B

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
   MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Tyco Electronics
5558503-1 MACOM-5558503-1 Datasheet
166Kb / 3P
   Multi-Port Modular Jacks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com