Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447798110 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447798110
Description  POWER-CHOKE WE-PDF
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447798110 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447798110 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798110 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798110 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798110 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
SPEICHERDROSSEL WE-PDF
description :
POWER-CHOKE WE-PDF
DATUM / DATE : 2009-12-01
K Rollenspezifikation / tape and reel specification :
A
10,45 ± 0,1
mm
B
24,00 ± 0,3
mm
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
10,45 ± 0,1
mm
H
6,60 ± 0,1
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
..................................................................................
......................................................................
...............................................
..................................................
OO
09-12-01
Name
Datum / date
mm
1,55
C
± 0,05
Gurtspezifikation / Tape specification:
http://www.we-online.com
Kunde / customer
Würth Elektronik
Kontrolliert / approved
Unterschrift / signature
Datum / date
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Freigabe erteilt / general release:
Würth Elektronik eiSos GmbH & Co.KG
Änderung / modification
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
7447798110
Version 1
H
G
Ø c
a
d
b
A
B
F
E
D
øC
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear
control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos
GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical
circuits that require high safety and reliability functions or performance.
Marking
Marking
SEITE 4 VON 4


Similar Part No. - 7447798110

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447798111 WURTH-7447798111 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
More results

Similar Description - 7447798110

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447797300 WURTH-7447797300 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
7447798910 WURTH-7447798910 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797250 WURTH-7447797250 Datasheet
214Kb / 4P
   POWER-CHOKE WE-PDF
7447797050 WURTH-7447797050 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797620 WURTH-7447797620 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798151 WURTH-7447798151 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798221 WURTH-7447798221 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797360 WURTH-7447797360 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
7447798022 WURTH-7447798022 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798111 WURTH-7447798111 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com