Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP1-40-T Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # ZP1-40-T
Description  I.D.C. Transition Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZP1-40-T Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  ZP1-40-T Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Outline Connector Dimensions
ZP1 Series
Part Number
Specifications
Voltage Rating:
150V AC
Current Rating:
1.0A
Operating Temperature Range: –40°C to +105°C
Withstanding Voltage:
500V for 1 minute
Insulation Resistance:
1,000M
Ω min. at 500V DC
Materials and Finish
Housing:
PBT, UL 94V-0 listed
Terminals:
Phosphor Bronze
Contact Plating: Tin plated
Features
Pin count from 8 to 60
Dim. B
Dim. A
Dim. B
I.D.C. Transition Plug
Recommended PCB Layout
Top View
Part Number
Dim. A
Dim. B
ZP1-08-T
12.16
8.0
ZP1-10-T
14.16
8.0
ZP1-12-T
16.16
10.0
ZP1-14-T
18.16
12.0
ZP1-16-T
20.16
14.0
ZP1-18-T
22.16
16.0
ZP1-20-T
24.16
18.0
ZP1-22-T
26.16
20.0
ZP1-24-T
28.16
22.0
ZP1-26-T
30.16
24.0
ZP1-28-T
32.16
26.0
ZP1-30-T
34.16
28.0
ZP1-32-T
36.16
30.0
ZP1-34-T
38.16
32.0
ZP1-36-T
40.16
34.0
ZP1-40-T
44.16
38.0
ZP1-44-T
48.16
42.0
ZP1-50-T
54.16
48.0
ZP1-54-T
58.16
52.0
ZP1-56-T
60.16
54.0
ZP1-60-T
64.16
58.0
Dimensional Information
Part Number (Details)
Series No.
No. of Contact Pins
(10 to 50)
Plating:
T = Tin
ZP1
- ** - T
RoHS
Applicable Cables
AWG 28 stranded wire, 1.00mm pitch
(e.g. DK**-1.0*)


Similar Part No. - ZP1-40-T

ManufacturerPart #DatasheetDescription
logo
Lumberg
ZP1 LUMBERG-ZP1 Datasheet
121Kb / 1P
   Modular-Steckverbinder
logo
Zhengzhou Winsen Electr...
ZP10 WINSEN-ZP10 Datasheet
430Kb / 5P
   Vehicle-Mounted Fuel Gas Leakage Detection Module
logo
Shenzhen Luguang Electr...
ZP10000A LUGUANG-ZP10000A Datasheet
2Mb / 2P
   Rectifier Diodes
logo
ZHEJIANG HUAJING RECTIF...
ZP1000A HUAJING-ZP1000A Datasheet
254Kb / 3P
   Rectifier Diode
logo
Shenzhen Luguang Electr...
ZP1000A LUGUANG-ZP1000A Datasheet
2Mb / 2P
   Rectifier Diodes
More results

Similar Description - ZP1-40-T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
FDH-XX-T ADAM-TECH-FDH-XX-T Datasheet
101Kb / 1P
   TRANSITION PLUG
FDH-XX-SG ADAM-TECH-FDH-XX-SG Datasheet
129Kb / 1P
   4 ROW TRANSITION PLUG
logo
Dubilier
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1 Datasheet
101Kb / 1P
   IDC IDC DIP PLUG (TRANSITION)
logo
Adam Technologies, Inc.
2FCS-20 ADAM-TECH-2FCS-20 Datasheet
105Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
2FCS40SG ADAM-TECH-2FCS40SG Datasheet
124Kb / 1P
   2.00mm IDC SOCKET & TRANSITION PLUG
FTR-26-T-K01-02-25 ADAM-TECH-FTR-26-T-K01-02-25 Datasheet
104Kb / 1P
   IDC TRANSITION PLUG 26 POSITION
logo
Dubilier
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1_11 Datasheet
333Kb / 2P
   IDC IDC DIP PLUG (TRANSITION)
logo
SUYIN USA, INC.
200175MI SUYIN-USA-200175MI Datasheet
213Kb / 1P
   2.0mm DUAL ROW TRANSITION PLUG I.D.C.TYPE
logo
Dubilier
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
DBCIDCA11A34BG1 DUBILIER-DBCIDCA11A34BG1 Datasheet
96Kb / 1P
   IDC IDC DIP PLUG (TRANSITION) 2.0mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com