Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDP-061M2 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # DDP-061M2
Description  Dual Port Solder Dip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

DDP-061M2 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  DDP-061M2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. DDP-061M2 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
E-71
I / O
Connectors
Trading Division
33.24
1.1 ±0.05
4- 3.05 ±0.05
B
Mating Face
2.77
1.38
Series D (Standard D-Sub)
Dual Port Solder Dip
Specifications
Insulation Resistance:
5,000M
Ω min.
Withstanding Voltage:
1,000V AC
Contact Resistance:
10m
Ω max.
Current Rating:
5A
Operating Temp. Range: –55°C to +105°C
Soldering Temp.:
240°C / 3 sec.
Materials and Finish
Shell:
Steel, Tin plated
Insulator: Polyester Resin (glass filled)
Fiber reinforced, UL94V-0
Contacts: Stamped Copper Alloy
Plating:
Gold over Nickel
Outline Connector Dimensions
Part Number (Details)
D
DP - 01 *
*
1
Recommended PCB Layouts
Top View
DDP-01**1
9 / 9
30.81
24.99
16.33
DDP-02**1
15 / 15
39.14
33.32
24.66
DDP-03**1
25 / 25
53.04
47.04
38.38
DDP-10**1
37 / 37
69.32
63.50
54.84
Type S
15.88
28.42
Type M
19.05
31.60
Type L
22.86
35.41
Part Number
No. of Contacts
A
B
C
Vertical Distances
E
F
Series
Connector Version:
DP = Dual Port
No. of Contacts (Top/Bottom):
01 = 9 / 9
02 = 15 / 15
03 = 25 / 25
10 = 37 / 37
Conector Types (Top / Bottom):
1 = Male / Male
2 = Male / Female
3 = Female / Male
4 = Female / Female
Vertical Distance between Connectors:
S = 15.88mm, M = 19.05mm, L = 22.86mm
Assembly:
1 = Snap-in + 4-40 Clinch Nut (Standard)
2 = 4-40 Threaded


Similar Part No. - DDP-061M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDP-011L1 ETC1-DDP-011L1 Datasheet
44Kb / 1P
   DUAL PORT SOLDER DIP
DDP-011L2 ETC1-DDP-011L2 Datasheet
44Kb / 1P
   DUAL PORT SOLDER DIP
DDP-011M1 ETC1-DDP-011M1 Datasheet
44Kb / 1P
   DUAL PORT SOLDER DIP
DDP-011M2 ETC1-DDP-011M2 Datasheet
44Kb / 1P
   DUAL PORT SOLDER DIP
DDP-011S1 ETC1-DDP-011S1 Datasheet
44Kb / 1P
   DUAL PORT SOLDER DIP
More results

Similar Description - DDP-061M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDP-011S1 ETC1-DDP-011S1 Datasheet
44Kb / 1P
   DUAL PORT SOLDER DIP
logo
Yamaichi Electronics Co...
NCS036-D002-K13289 YAMAICHI-NCS036-D002-K13289 Datasheet
60Kb / 1P
   Dual Port - 90째 Solder Dip Sockets
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
   Solder Dip Socket
logo
List of Unclassifed Man...
VERTICAL ETC2-VERTICAL Datasheet
292Kb / 3P
   MALE-DIP SOLDER
logo
Yamaichi Electronics Co...
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
logo
List of Unclassifed Man...
SOLDERCUP ETC2-SOLDERCUP Datasheet
292Kb / 3P
   MALE-DIP SOLDER-MACHINED
logo
SUYIN USA, INC.
020122MR008SX56ZA SUYIN-USA-020122MR008SX56ZA Datasheet
82Kb / 1P
   USB SERIES A TYPE DUAL PORT DIP TYPE
020122MR008SX11ZU SUYIN-USA-020122MR008SX11ZU Datasheet
95Kb / 1P
   USB SERIES A TYPE DUAL PORT DIP TYPE
020122MR008SX19ZU SUYIN-USA-020122MR008SX19ZU Datasheet
91Kb / 1P
   USB SERIES A TYPE DUAL PORT DIP TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com