Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP7-36-SS-G Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # ZP7-36-SS-G
Description  180째 SMT - Dual Row Box Header
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZP7-36-SS-G Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  ZP7-36-SS-G Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Specifications
Contact Resistance:
30m
Insulation Resistance:
5,000M
Ω min at 500V DC
Current Rating:
1.5A
Operating Temperature Range: –40°C to +105°C
Withstanding Voltage:
500V AC for 1 minute
Soldering Temp.:
220°C min. / 60 sec., 250°C peak
Materials and Finish
Housing:
Nylon6T, UL 94V-0
Terminals:
Bronze or Phosphor Bronze
Contact Plating: Gold Flash
Features
Pin count from 6 to 68
Mates with ZS1 and ZS1N Series
Dimensional Information
ZP7 Series
Part Number
Dim. A
Dim. B
ZP7
- ** - SS - G
180° SMT - Dual Row Box Header
Series No.
No. of Contact Pins
Terminal Style:
SS = 180° (SMT)
Mating Face Plating:
G = Gold Flash
Outline Connector Dimensions
Dim. C
Part Number (Details)
ZP7-6-SS-G
13.06
4.00
11.90
ZP7-8-SS-G
15.06
6.00
13.90
ZP7-10-SS-G
17.06
8.00
15.90
ZP7-12-SS-G
19.06
10.00
17.90
ZP7-14-SS-G
21.06
12.00
19.90
ZP7-16-SS-G
23.06
14.00
21.90
ZP7-18-SS-G
25.06
16.00
23.90
ZP7-20-SS-G
27.06
20.00
25.90
ZP7-22-SS-G
29.06
20.00
27.90
ZP7-24-SS-G
31.06
22.00
29.90
ZP7-26-SS-G
33.06
24.00
31.90
Part Number
Dim. A
Dim. B
Dim. C
ZP7-28-SS-G
35.06
26.00
33.90
ZP7-30-SS-G
37.06
28.00
35.90
ZP7-32-SS-G
39.06
30.00
37.90
ZP7-34-SS-G
41.06
32.00
39.90
ZP7-36-SS-G
43.06
34.00
41.90
ZP7-40-SS-G
47.06
38.00
45.90
ZP7-44-SS-G
51.06
42.00
49.90
ZP7-50-SS-G
57.06
48.00
55.90
ZP7-60-SS-G
67.06
58.00
65.90
ZP7-64-SS-G
71.06
62.00
69.90
ZP7-68-SS-G
75.06
66.00
73.90
Recommended PCB Layouts
Top View
RoHS
2.0
0.5 square pin
7.6
4.1
1.07
B
C
A


Similar Part No. - ZP7-36-SS-G

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZP7-36-S-G YAMAICHI-ZP7-36-S-G Datasheet
62Kb / 1P
   180째 / 90째 - TH Dual Row Box Header
ZP7-36-S-G2T YAMAICHI-ZP7-36-S-G2T Datasheet
62Kb / 1P
   180째 / 90째 - TH Dual Row Box Header
More results

Similar Description - ZP7-36-SS-G

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZP7-6-A-G YAMAICHI-ZP7-6-A-G Datasheet
62Kb / 1P
   180째 / 90째 - TH Dual Row Box Header
RDP60-005-005FF YAMAICHI-RDP60-005-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
NFP-10A-0132BF YAMAICHI-NFP-10A-0132BF Datasheet
67Kb / 2P
   90째 180째 Solder Dip Box Header (1.27mm Pitch)
ZS5A-04-G2 YAMAICHI-ZS5A-04-G2 Datasheet
130Kb / 2P
   180째 SMT Socket
logo
Dubilier
DBCIDCC5S26AG1 DUBILIER-DBCIDCC5S26AG1 Datasheet
78Kb / 1P
   IDC BOX HEADER SMT 2.00mm
DBCIDCC7S30BGA1 DUBILIER-DBCIDCC7S30BGA1 Datasheet
84Kb / 1P
   IDC BOX HEADER SMT 1.27mm
DBCIDCC4426BG1 DUBILIER-DBCIDCC4426BG1 Datasheet
93Kb / 1P
   IDC BOX HEADER SMT 1.27mm
DBCIDCC3B26AG1 DUBILIER-DBCIDCC3B26AG1 Datasheet
81Kb / 1P
   IDC BOX HEADER SMT 2.54mm
logo
On-Shore Technology, In...
302-SXX1 OST-302-SXX1 Datasheet
130Kb / 1P
   2.54mm Dual Row Vertical Box Header
logo
Adam Technologies, Inc.
2MBHR-XX-VSG-SMT-P ADAM-TECH-2MBHR-XX-VSG-SMT-P Datasheet
84Kb / 1P
   DUAL ROW VERTICAL MOUNT BOX HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com