Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OES033ZE-A Datasheet(PDF) 2 Page - Power-One

Part # OES033ZE-A
Description  Ultra-Dense 40W converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

OES033ZE-A Datasheet(HTML) 2 Page - Power-One

  OES033ZE-A Datasheet HTML 1Page - Power-One OES033ZE-A Datasheet HTML 2Page - Power-One OES033ZE-A Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Powering Communications and Technology
OES SERIES
40 WATT
MECHANICAL DRAWING
Thermal Impedance
Natural Convection
11.3 C/W
100 LFM
8.9 C/W
200 LFM
6.2 C/W
300 LFM
4.4 C/W
400 LFM
3.4 C/W
Tolerances
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated
for specific application.
1
+Vin
2
-Vin
3
No Conn.
4
Enable
5
+Vout
6
-Vout
7
Trim
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless otherwise specified.)
Pin
Function
MODELS - (See the last page of Section for options.)
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
48
48
48
48
36 - 72
36 - 72
36 - 72
36 - 72
0.77
0.87
1.12
1.31
2.1
2.5
3.3
5
10.00
10.00
10.00
8.00
50
50
75
75
84%
81%
85%
89%
OES021ZC-A
OES025ZD-A
OES033ZE-A
OES040ZG-A
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.


Similar Part No. - OES033ZE-A

ManufacturerPart #DatasheetDescription
logo
ETA-USA
OES05SC ETA-USA-OES05SC Datasheet
4Mb / 3P
   10W Open Frame
OES05SC05 ETA-USA-OES05SC05 Datasheet
4Mb / 3P
   10W Open Frame
OES05SC1224 ETA-USA-OES05SC1224 Datasheet
4Mb / 3P
   10W Open Frame
OES05SC2448 ETA-USA-OES05SC2448 Datasheet
4Mb / 3P
   10W Open Frame
More results

Similar Description - OES033ZE-A

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH40-10B03 MORNSUN-LH40-10B03_15 Datasheet
428Kb / 7P
   40W, AC/DC converter
logo
Total Power Internation...
MKW40 TOTAL-POWER-MKW40 Datasheet
595Kb / 9P
   Smallest Encapsulated 40W Converter
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
   Smallest Encapsulated 40W Converter
logo
MORNSUN Science& Techno...
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
   40W, AC/DC converter
LH40-13B12 MORNSUN-LH40-13B12 Datasheet
917Kb / 5P
   40W, AC/DC converter
LH40-10D0524-12 MORNSUN-LH40-10D0524-12 Datasheet
667Kb / 3P
   40W, AC/DC converter
LH40-10B03 MORNSUN-LH40-10B03 Datasheet
566Kb / 5P
   40W竊?AC-DC CONVERTER
URF1D03LD-40WR3 MORNSUN-URF1D03LD-40WR3 Datasheet
2Mb / 8P
   40W, Ultra wide input, isolated & regulated single output DC/DC converter
logo
Mean Well Enterprises C...
RQB40W12 MEANWELL-RQB40W12 Datasheet
153Kb / 8P
   40W Quarter Brick 14~160Vdc Ultra-wide Input Railway DC-DC Converter
2022-12-12
logo
Delta Electronics, Inc.
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
   40W Single Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com