Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVS0.4ZJ-M6 Datasheet(PDF) 3 Page - Power-One

Part # NVS0.4ZJ-M6
Description  NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVS0.4ZJ-M6 Datasheet(HTML) 3 Page - Power-One

  NVS0.4ZJ-M6 Datasheet HTML 1Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 2Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 3Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 4Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 5Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 6Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 7Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 8Page - Power-One NVS0.4ZJ-M6 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specifications
NV Series: 4 - 6W DC/DC Converters
Oct 2001
9-36V, 18-36V, 36-72V & 16-75V Inputs
3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
18-Oct-01
Rev 1.0
Page 3 of 11
www.power-one.com
Input Specifications (9-36V)
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (Vin)
Transient Input Voltage (Vint)
Continuous
Transient, 100ms
9
36
40
Vdc
Vdc
Input Current when Shutdown
Vin.Nom, Iout = 0A
10
20
mAdc
Turn-On Input Voltage 9-36 Vin
Ramping Up, Io.Max
8
8.5
9
Vdc
Turn-Off Input Voltage 9-36 Vin
Ramping Down, Io.Max
8
8.5
9
Vdc
Turn-On Time
To Output Regulation Band
Rise Time
250
10
500
ms
ms
Input Reflected Ripple Current
Vin.Max, Io.Max
30
mAp-p
Input Capacitance
0.6
µF
Switching Frequency
Vin.Nom, Io.Max
250
kHz
Temperature Coefficient
0.02
%Vo/
°C
Input Specifications (18-36V)
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (Vin)
Transient Input Voltage (Vint)
Continuous
Transient, 100ms
18
36
40
Vdc
Vdc
Input Current when Shutdown
Vin.Nom, Iout = 0A
10
20
mAdc
Turn-On Input Voltage 9-36 Vin
Ramping Up, Io.Max
16
17
18
Vdc
Turn-Off Input Voltage 9-36 Vin
Ramping Down, Io.Max
16
17
18
Vdc
Turn-On Time
To Output Regulation Band
Rise Time
250
10
500
ms
ms
Input Reflected Ripple Current
Vin.Max, Io.Max
30
mAp-p
Input Capacitance
0.6
µF
Input Specifications (16-75V)
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (Vin)
Transient Input Voltage (Vint)
Continuous
Transient, 100ms
16
75
100
Vdc
Vdc
Input Current when Shutdown
Vin.Nom, Iout = 0A
8
10
mAdc
Turn-On Input Voltage 9-36 Vin
Ramping Up, Io.Max
14
15
16
Vdc
Turn-Off Input Voltage 9-36 Vin
Ramping Down, Io.Max
14
15
16
Vdc
Turn-On Time
To Output Regulation Band
Rise Time
250
10
500
ms
ms
Input Reflected Ripple Current
Vin.Max, Io.Max
30
mAp-p
Input Capacitance
0.3
µF
Input Specifications (36-75V)
Parameter
Conditions/Description
Min
Nom
Max
Units
Input voltage (Vin)
Transient Input Voltage (Vint)
Continuous
Transient, 100ms
36
75
100
Vdc
Vdc
Input Current when Shutdown
Vin.Nom, Iout = 0A
8
10
mAdc
Turn-On Input Voltage 9-36 Vin
Ramping Up, Io.Max
32
34
36
Vdc
Turn-Off Input Voltage 9-36 Vin
Ramping Down, Io.Max
32
34
36
Vdc
Turn-On Time
To Output Regulation Band
Rise Time
250
10
500
ms
ms
Input Reflected Ripple Current
Vin.Max, Io.Max
30
mAp-p
Input Capacitance
0.3
µF


Similar Part No. - NVS0.4ZJ-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.4ZJ-M6 POWER-ONE-NVS0.4ZJ-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
More results

Similar Description - NVS0.4ZJ-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Maxim Integrated Produc...
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
AAEON Technology
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
logo
Everlight Electronics C...
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
   36V/6W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com