Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK40-1.0 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # DK40-1.0
Description  1.0mm High Density FLEX (300V, 105째C)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

DK40-1.0 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  DK40-1.0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. DK40-1.0 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
Red Edge
Insulation
Conductor
0.90
1.0
(Number of conductors –1) x 1.0±0.4
Number of conductors x 1.0±0.4
Flat Cables
Specifications
Conductor Resistance: 237
Ω/km max.
Insulation Resistance: 100M
Ω min. (km)
Dielectric Strength:
2,000V AC / minute
Flame Resistance:
VW-1
Materials and Finish
Insulation: PVC
Conductor: 28 AWG (7/0.127mm) stranded copper wire
Features
1.0mm pitch flat cable designed for termination
with a high density 2.0mm IDC connector
UL Style No. 2651
1.0mm High Density FLEX (300V, 105°C)
DK
10 - 1.0
*
Part Number (Details)
Standard Cable Length
see Part Number (Details)
Cable Series
Number of Conductors:
10 to 68
Pitch:1.0mm
Unmarked = 30.5 meters per Reel
M = 1 meter (on request)
Part Number
No. of Conductors
DK10-1.0*
10
DK12-1.0*
12
DK14-1.0*
14
DK15-1.0*
15
DK16-1.0*
16
DK20-1.0*
20
DK25-1.0*
25
DK26-1.0*
26
Part Number
No. of Conductors
DK34-1.0*
34
DK40-1.0*
40
DK44-1.0*
44
DK50-1.0*
50
DK60-1.0*
60
DK64-1.0*
64
DK68-1.0*
68
Cable Dimensions
Trading Division


Similar Part No. - DK40-1.0

ManufacturerPart #DatasheetDescription
logo
LEM
DK400-B020 LEM-DK400-B020 Datasheet
166Kb / 2P
   DC Current transducer DK-B020/420
DK400-B10 LEM-DK400-B10 Datasheet
48Kb / 2P
   DC Current transducer DK-B5/10
DK400-B420 LEM-DK400-B420 Datasheet
166Kb / 2P
   DC Current transducer DK-B020/420
DK400-B5 LEM-DK400-B5 Datasheet
48Kb / 2P
   DC Current transducer DK-B5/10
DK400B020 LEM-DK400B020 Datasheet
281Kb / 2P
   DC Current transducer
More results

Similar Description - DK40-1.0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FLEX-S416-7-0.1 YAMAICHI-FLEX-S416-7-0.1 Datasheet
56Kb / 1P
   50MIL (1.27mm) OKIFLEX-S Type (300V, 105째C)
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Molex Electronics Ltd.
100061 MOLEX1-100061 Datasheet
613Kb / 2P
   Temp-Flex MediSpec High-Density Micro-Ribbon Cables
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
   1.0mm Pitch
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Dubilier
DVJRHV DUBILIER-DVJRHV Datasheet
144Kb / 1P
   HIGH VOLTAGE SMD ELECTROLYTIC - 105째C
logo
Nichicon corporation
GYB_18 NICHICON-GYB_18_08 Datasheet
786Kb / 2P
   Chip Type, 105째C High Reliability
GYB NICHICON-GYB Datasheet
758Kb / 2P
   Chip Type, 105째C High Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com