Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS6A-52-G2 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # ZS6A-52-G2
Description  180째 SMT Low Profile Socket (Height 2.5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZS6A-52-G2 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  ZS6A-52-G2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
C
B
2.0
0.8
0.85
0.76
B
C
A
2.0
0.5 x 0.15
2.0
0.6
5.5 ±0.3
0.8
Outline Connector Dimensions
Specifications
Contact Resistance:
20m
Ω max. at 100mA DC
Insulation Resistance:
5,000M
Ω min. at 500V
Withstanding Voltage:
500V AC
Current Rating:
1A
Operating Temp. Range: –40°C to +105°C
Soldering Temp.:
230°C min. / 60 sec., 250°C peak
Materials and Finish
Insulator:
Nylon 6T, glass reinforced, UL 94V-0 rated
Terminals:
Phosphor bronze
Contact Plating: Au Flash
Features
Pin count from 6 to 60
Series No.
No. of Contact Pins
(6 to 60)
Mating Face Plating:
G2 = Gold Flash
Part Number (Details)
ZS6A
- **
G2
Recommended PCB Layout
Top View
Series ZS6A
180° SMT Low Profile Socket (Height 2.5mm)
ZS6A-06-G2
6.0
4.0
2.0
ZS6A-08-G2
8.0
6.0
4.0
ZS6A-10-G2
10.0
8.0
6.0
ZS6A-12-G2
12.0
10.0
8.0
ZS6A-14-G2
14.0
12.0
10.0
ZS6A-16-G2
16.0
14.0
12.0
ZS6A-18-G2
18.0
16.0
14.0
ZS6A-20-G2
20.0
18.0
16.0
ZS6A-22-G2
22.0
20.0
18.0
ZS6A-24-G2
24.0
22.0
20.0
ZS6A-26-G2
26.0
24.0
22.0
ZS6A-28-G2
28.0
26.0
24.0
ZS6A-30-G2
30.0
28.0
26.0
ZS6A-32-G2
32.0
30.0
28.0
ZS6A-34-G2
34.0
32.0
30.0
ZS6A-36-G2
36.0
34.0
32.0
ZS6A-38-G2
38.0
36.0
34.0
ZS6A-40-G2
40.0
38.0
36.0
ZS6A-42-G2
42.0
40.0
38.0
ZS6A-44-G2
44.0
42.0
40.0
ZS6A-46-G2
46.0
44.0
42.0
ZS6A-48-G2
48.0
46.0
44.0
ZS6A-50-G2
50.0
48.0
46.0
ZS6A-52-G2
52.0
50.0
48.0
ZS6A-54-G2
54.0
52.0
50.0
ZS6A-56-G2
56.0
54.0
52.0
ZS6A-58-G2
58.0
56.0
54.0
ZS6A-60-G2
60.0
58.0
56.0
Dimensional Information
Part Number
Dim. A
Dim. B
Dim. C
Part Number
Dim. A
Dim. B
Dim. C


Similar Description - ZS6A-52-G2

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZS5A-04-G2 YAMAICHI-ZS5A-04-G2 Datasheet
130Kb / 2P
   180째 SMT Socket
NDS050-005-BF1 YAMAICHI-NDS050-005-BF1 Datasheet
93Kb / 1P
   180째 SMT Type Socket (1.27mm Pitch)
MDIN03K YAMAICHI-MDIN03K Datasheet
56Kb / 1P
   180째 PTH Socket
logo
Murata Manufacturing Co...
DLW5BTZ101TQ2 MURATA1-DLW5BTZ101TQ2_V01 Datasheet
373Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH101TQ2 MURATA1-DLW5BTH101TQ2 Datasheet
423Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH102TQ2 MURATA1-DLW5BTH102TQ2 Datasheet
424Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTH251TQ2 MURATA1-DLW5BTH251TQ2 Datasheet
423Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
DLW5BTM501TQ2 MURATA1-DLW5BTM501TQ2_V01 Datasheet
427Kb / 4P
   Low profile (h=2.5mm)
Last updated07/26/2022
logo
List of Unclassifed Man...
SIC73 ETC1-SIC73 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
logo
Murata Manufacturing Co...
DLW5BTZ142TQ2 MURATA1-DLW5BTZ142TQ2_V01 Datasheet
375Kb / 3P
   Low profile (h=2.5mm)
Last updated07/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com