Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48IMR25-0505-2 Datasheet(PDF) 1 Page - Power-One

Part # 48IMR25-0505-2
Description  25...40 Watt DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMR25-0505-2 Datasheet(HTML) 1 Page - Power-One

  48IMR25-0505-2 Datasheet HTML 1Page - Power-One 48IMR25-0505-2 Datasheet HTML 2Page - Power-One 48IMR25-0505-2 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.power-one.com
• Low cost
• Short circuit protection
• Efficiency up to 82%
IMR 25...40 Series
25...40 Watt DC-DC Converters
Input voltage range up to 72 V DC
1, 2 or 3 outputs up to 30 V DC
1500 V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Output 3
Type
Type
Type
Uo nom Io nom Uo nom Io nom Uo nom Io nom
Input voltage
Input voltage
Input voltage
[V DC]
[A]
[V DC]
[A]
[V DC]
[A]
9...18 V DC
18...36 V DC
36...72 V DC
3.3
6.5
-
-
-
-
12 IMR 25-03-2
24 IMR 25-03-2
48 IMR 25-03-2
3.3
10
-
-
-
-
12 IMR 40-03-2
24 IMR 40-03-2
48 IMR 40-03-2
5
5
-
-
-
-
12 IMR 25-05-2
24 IMR 25-05-2
48 IMR 25-05-2
5
8
-
-
-
-
12 IMR 40-05-2
24 IMR 40-05-2
48 IMR 40-05-2
12
2.1
-
-
-
-
12 IMR 25-12-2
24 IMR 25-12-2
48 IMR 25-12-2
12
3.5
-
-
-
-
12 IMR 40-12-2
24 IMR 40-12-2
48 IMR 40-12-2
15
1.7
-
-
-
-
12 IMR 25-15-2
24 IMR 25-15-2
48 IMR 25-15-2
15
3
-
-
-
-
12 IMR 40-15-2
24 IMR 40-15-2
48 IMR 40-15-2
24
2
-
-
-
-
12 IMR 40-24-2
24 IMR 40-24-2
48 IMR 40-24-2
+5
4.7
–5
0.3
-
-
12 IMR 25-0505-2
24 IMR 25-0505-2
48 IMR 25-0505-2
+5
8
–5
0.5
-
-
12 IMR 40-0505-2
24 IMR 40-0505-2
48 IMR 40-0505-2
+12
1.8
–12
0.3
-
-
12 IMR 25-1212-2
24 IMR 25-1212-2
48 IMR 25-1212-2
+12
3
–12
0.5
-
-
12 IMR 40-1212-2
24 IMR 40-1212-2
48 IMR 40-1212-2
+15
1.4
–15
0.3
-
-
12 IMR 25-1515-2
24 IMR 25-1515-2
48 IMR 25-1515-2
+15
2
–15
0.5
-
-
12 IMR 40-1515-2
24 IMR 40-1515-2
48 IMR 40-1515-2
+5
4
+12
0.3
–12
0.3
12 IMR 25-051212-2
24 IMR 25-051212-2
48 IMR 25-051212-2
+5
6
+12
0.5
–12
0.5
12 IMR 40-051212-2
24 IMR 40-051212-2
48 IMR 40-051212-2
+5
3.5
+15
0.3
–15
0.3
12 IMR 25-051515-2
24 IMR 25-051515-2
48 IMR 25-051515-2
+5
6
+15
0.5
–15
0.5
12 IMR 40-051515-2
24 IMR 40-051515-2
48 IMR 40-051515-2
+5
12
–5
0.5
+12
0.5
-
24 IMR 40-050512-2
48 IMR 40-050512-2


Similar Part No. - 48IMR25-0505-2

ManufacturerPart #DatasheetDescription
logo
Power-One
48IMR15-03-2 POWER-ONE-48IMR15-03-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
48IMR15-05-2 POWER-ONE-48IMR15-05-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
48IMR15-051212-2 POWER-ONE-48IMR15-051212-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
48IMR15-051515-2 POWER-ONE-48IMR15-051515-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
48IMR15-12-2 POWER-ONE-48IMR15-12-2 Datasheet
64Kb / 4P
   3...15 Watt DC-DC Converter
More results

Similar Description - 48IMR25-0505-2

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS25 POWER-ONE-IMS25 Datasheet
130Kb / 4P
   25 Watt DC-DC Converters
BG3020-7 POWER-ONE-BG3020-7 Datasheet
151Kb / 4P
   25 Watt DC-DC Converters
logo
AIMTEC
AM40U-C AIMTEC-AM40U-C Datasheet
285Kb / 2P
   40 watt dc-dc converters
AM40K-C AIMTEC-AM40K-C Datasheet
286Kb / 2P
   40 watt dc-dc converters
logo
Tumbler Technologies + ...
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Wall Industries,Inc.
CR12S33-33 WALL-CR12S33-33 Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
logo
Tumbler Technologies + ...
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Murata Manufacturing Co...
UCP40-75W MURATA-UCP40-75W Datasheet
356Kb / 7P
   40-75 Watt, DC/DC Converters
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN25 TRACOPOWER-TEN25 Datasheet
223Kb / 3P
   DC/DC Converters TEN 25 Series, 25/30 Watt
Rev. August 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com