Selected language     English  ▼


7-0.15PHRV16-SV Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part No. 7-0.15PHRV16-SV
Description  AWG 30 (7/0.1mm) Multi Pair Cable (30V, 80°C)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Homepage  http://yamaichi.com
Logo 

   
 1 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Specifications (with Shield)
Conductor Resistance: 362
Ω/km max.
Insulation Resistance: 1M
Ω min. (km)
Dielectric Strength:
500 V AC / min.
Flame Resistance:
VW-1
Materials and Finish
Insulation: PVC
Conductor: 30 AWG (7/0.1mm) stranded copper wire
Shielding: Aluminium foil and a 28 AWG drain wire
Jacket:
PVC, colour warm grey
Features
High Density Multi twisted-pair cable with 30AWG conductors
in a round jacket
Twisted pair effective against Crosstalk
Single and double shield available for RFI / EMI reduction
Bonded 25MIL (0.635mm) flat ends accept High Density IDC connectors
UL Style No. 20276
AWG 30 (7/0.1mm) Multi Pair Cable (30V, 80°C)
7/0.1
**P HRV16 - *
Part Number (Details)
Cable Series
Number of Pairs
(1 Pair = 2 Conductors)
Shield Requirements:
V= Without Shield
SV= With Shield
Round Cables
Part Number
No. of Conductors
PVC Sheath Outer Dia.
PVC Insulation Outer Dia.
7/0.1 5P HRV16-SV
10
5.4
0.62
7/0.1 8P HRV16-SV
16
6.2
0.62
7/0.1 10P HRV16-SV
20
6.6
0.62
7/0.1 13P HRV16-SV
26
6.9
0.62
7/0.1 17P HRV16-SV
34
7.4
0.62
7/0.1 20P HRV16-SV
40
7.8
0.62
7/0.1 25P HRV16-*
50
8.3
0.62
7/0.1 30P HRV16-SV
60
8.8
0.62
7/0.1 34P HRV16-*
68
9.3
0.62
7/0.1 40P HRV16-SV
80
10.2
0.62
7/0.1 50P HRV16-SV
100
10.6
0.62
20 Pairs
32 Pairs
Single Shield
Without Shield
Pair
Conductor
Insulation
Drain Wire
Braided Sheild
Sheath
Paper tape
Pair
Conductor
Insulation
Paper Tape
Sheath
Standard Cable Length
100 meters per coil
Cable Dimensions




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl