Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCV304PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304PWR
Description  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCV304PWR Datasheet(HTML) 5 Page - Texas Instruments

  CDCV304PWR Datasheet HTML 1Page - Texas Instruments CDCV304PWR Datasheet HTML 2Page - Texas Instruments CDCV304PWR Datasheet HTML 3Page - Texas Instruments CDCV304PWR Datasheet HTML 4Page - Texas Instruments CDCV304PWR Datasheet HTML 5Page - Texas Instruments CDCV304PWR Datasheet HTML 6Page - Texas Instruments CDCV304PWR Datasheet HTML 7Page - Texas Instruments CDCV304PWR Datasheet HTML 8Page - Texas Instruments CDCV304PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PARAMETER MEASUREMENT INFORMATION
140
Yn
VDD
10 pF
140
0.6 VDD
1Y0 − 1Y3
50% VDD
0.2 VDD
tf
VOL
VOH
tr
CLKIN
0 V
VDD
tPHL
50% VDD
tPLH
0.6 VDD
50% VDD
0.2 VDD
50% VDD
Any Y
Any Y
tsk(0)
50% VDD
thigh
VIH(Min)
Vtest
VIL(Max)
tlow
tcyc
0.4 VDD
Peak to Peak (Minimum)
0.2 VDD
0.6 VDD
PARAMETER
VALUE
UNIT
VIH(Min)
VIL(Max)
Vtest
0.5 VDD
0.35 VDD
0.4 VDD
V
V
V
CDCV304
www.ti.com................................................................................................................................................ SCAS643F – SEPTEMBER 2000 – REVISED APRIL 2009
Figure 1. Test Load Circuit
Figure 2. Voltage Waveforms Propagation Delay (tpd) Measurements
Figure 3. Output Skew
A.
All parameters in Figure 4 are according to PCI-X 1.0 specifications.
Figure 4. Clock Waveform
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCV304


Similar Part No. - CDCV304PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304PWR TI1-CDCV304PWR Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304PWRG4 TI1-CDCV304PWRG4 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results

Similar Description - CDCV304PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304 TI1-CDCV304_12 Datasheet
506Kb / 14P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
[Old version datasheet]   200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com