Selected language     English  ▼


7-0.1275PVX10-ALSV Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part No. 7-0.1275PVX10-ALSV
Description  AWG 28 (7/0.1.27mm) Multi Pair Cable (30V, 80°C)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Homepage  http://yamaichi.com
Logo 

   
 1 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
7/0.127
40P VX10 - *
Part Number (Details)
Specifications (with Shield)
Conductor Resistance: 222
Ω/km max.
Insulation Resistance: 1M
Ω min. (km)
Dielectric Strength:
500V AC / minute
Capacitance:
138pF/m approx. (at 1KHz)
Impedance:
50
Ω approx.
Propagation Delay:
4.8ns/m approx.
Near-End Crosstalk:
3.8% approx.
Flame Resistance:
VW-1
Materials and Finish
Insulation: Irradiated PVC
Conductor: 28 AWG (7/0.127mm) stranded copper wire
Shielding: Aluminium foil and/or Braided copper and a 28 AWG drain wire
Jacket:
PVC, colour warm grey
Features
High Density Multi twisted-pair cable with 28AWG conductors
in a round PVC jacket
Irradiated PC thin insulation enables 50MIL (1.27mm) flat ends
to accept SCSI type High Density IDC connectors
Braided shielding minimize RFI / EMI. Special double shielding
available (= ALSV)
UL Style No. 20276
Round Cables
7/0.127 5P VX10-ALSV
10
5.2
0.58
7/0.127 10P VX10-ALSV
20
6.1
0.58
7/0.127 13P VX10-ALSV
26
6.5
0.58
7/0.127 20P VX10-SV
40
7.0
0.58
7/0.127 25P VX10-ALSV
50
8.0
0.58
Cable Series
Number of Pairs
(1 Pair = 2 Conductors)
Shield Requirements:
SV = With Cu -Shield
ALSV = With Double Shield (Aluminium
Foil and Braided Copper)
Pair
Conductor
Insulation
Drain Wire
Braided Sheild
Sheath
Jacket
Standard Cable Length
100 meters per coil
Part Number
No. of Cond.
PVC Sheath Outer Dia.
PVC Insulation Outer Dia.
AWG 28 (7/0.1.27mm) Multi Pair Cable (30V, 80°C)
Cable Dimensions
For the following versions please contact Yamaichi, minimum order quantity may be required
Standard Types
7/0.127 5P VX10-SV
10
5.2
0.58
7/0.127 10P VX10-SV
20
6.1
0.58
7/0.127 13P VX10-SV
26
6.5
0.58
7/0.127 18P VX10-*
36
7.0
0.58
7/0.127 20P VX10-ALSV
40
7.2
0.58
7/0.127 25P VX10-SV
50
5.2
0.58
7/0.127 30P VX10-*
60
8.2
0.58
7/0.127 32P VX10-*
64
8.3
0.58
7/0.127 40P VX10-*
80
9.5
0.58
7/0.127 50P VX10-*
100
9.9
0.58




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl