Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9538 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCA9538
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9538_1 Datasheet HTML 4Page - Texas Instruments PCA9538_1 Datasheet HTML 5Page - Texas Instruments PCA9538_1 Datasheet HTML 6Page - Texas Instruments PCA9538_1 Datasheet HTML 7Page - Texas Instruments PCA9538_1 Datasheet HTML 8Page - Texas Instruments PCA9538_1 Datasheet HTML 9Page - Texas Instruments PCA9538_1 Datasheet HTML 10Page - Texas Instruments PCA9538_1 Datasheet HTML 11Page - Texas Instruments PCA9538_1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Power-On Reset
RESET Input
Interrupt Output (INT)
Bus Transactions
Writes
PCA9538
SCPS126E – SEPTEMBER 2006 – REVISED JUNE 2008 ................................................................................................................................................ www.ti.com
The Configuration register (register 3) configures the directions of the I/O pins. If a bit in this register is set to 1,
the corresponding port pin is enabled as an input with a high-impedance output driver. If a bit in this register is
cleared to 0, the corresponding port pin is enabled as an output.
Register 3 (Configuration Register) Table
BIT
C7
C6
C5
C4
C3
C2
C1
C0
DEFAULT
1
1
1
1
1
1
1
1
When power (from 0 V) is applied to VCC, an internal power-on reset holds the PCA9538 in a reset condition until
VCC has reached VPOR. At that point, the reset condition is released and the PCA9538 registers and SMBus/I
2C
state machine will initialize to their default states. After that, VCC must be lowered to below 0.2 V and then back
up to the operating voltage for a power-reset cycle.
The RESET input can be asserted to reset the system while keeping the VCC at its operating level. A reset can
be accomplished by holding the RESET pin low for a minimum of tW. The PCA9538 registers and I
2C/SMBus
state machine are changed to their default states once RESET is low (0). Once RESET is high (1), the I/O levels
at the P port can be changed externally or through the master. This input requires a pullup resistor to VCC if no
active connection is used.
An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After time tiv, the signal
INT is valid. Resetting the interrupt circuit is achieved when data on the port is changed to the original setting,
data is read from the port that generated the interrupt or in a Stop event. Resetting occurs in the read mode at
the acknowledge (ACK) or not acknowledge (NACK) bit after the rising edge of the SCL signal. Interrupts that
occur during the ACK or NACK clock pulse can be lost (or be very short) due to the resetting of the interrupt
during this pulse. Each change of the I/Os after resetting is detected and is transmitted as INT.
Reading from or writing to another device does not affect the interrupt circuit, and a pin configured as an output
cannot cause an interrupt. Changing an I/O from an output to an input may cause a false interrupt to occur if the
state of the pin does not match the contents of the Input Port register.
The INT output has an open-drain structure and requires pullup resistor to VCC.
Data is exchanged between the master and PCA9538 through write and read commands.
Data is transmitted to the PCA9538 by sending the device address and setting the least-significant bit (LSB) to a
logic 0 (see Figure 4 for device address). The command byte is sent after the address and determines which
register receives the data that follows the command byte (see Figure 6 and Figure 7). There is no limitation on
the number of data bytes sent in one write transmission.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9538


Similar Part No. - PCA9538_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9538ABS NXP-PCA9538ABS Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9538APW NXP-PCA9538APW Datasheet
2Mb / 37P
   Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9538BS PHILIPS-PCA9538BS Datasheet
197Kb / 18P
   8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9538BS NXP-PCA9538BS Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
More results

Similar Description - PCA9538_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com