Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC160Z-0324-2401 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # IC160Z-0324-2401
Description  PLCC (SMT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC160Z-0324-2401 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  IC160Z-0324-2401 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC160Z-0324-2401 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC160Z-0324-2401 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production
Sockets
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Series IC160
PLCC (SMT)
IC160Z-0**4-24** (Type1)
Specifications
Insulation Resistance:
500M
Ω min. at 500V DC
Withstanding Voltage:
250V AC for 1 minute
Contact Resistance:
30m
Ω max. at 10mA / 20mV
Current Rating:
1A max.
Operating Temperature Range: -55°C ~ +85°C
Soldering Temperature:
220°C max. at 60 secs. max / 260° Peak
Insertion/Extraction Force:
0.147 N / Pin min., 1.47 N / Pin max.
Mating Cycles:
20 insertions max.
Materials and Finish
Housing: PA, glass filled, UL94V-0 rated
Contact: Copper Alloy, SnBi (3.0 ~ 7.0µm) plating
Features
Low profile design (5.0 and 4.6mm height)
2 different terminal styles available
Designed for automatic mounting (SMT type)
IC160Z
– 020 4 – ** 0 1
Series No.
No. of Contact Pins
No. of Sides with Contacts
Terminal Style
24 = Inside Leads (Type 1)
30 = Outside Leads (Type 2)
0 = Without Positioning Pin
1 = With Positioning Pin
Packaging:
Unmarked =Tray
1 = Embossed Tape
2 = Tube
IC160Z-0**4-30** (Type 2)
1) For pins 20, 28, 44
2) For pins 52, 68, 84
Available Terminal Types
Available Body Forms
Square
Rectangle
Height Dimension Square Form
(both terminal types)
Height Dimension Rectangle Form
(both terminal types)
For pins 20, 28, 44, 52, 68, 84
For pins 32 only
For pins 32 only
INFO
For PLCC DIP (TH) versions (1C160Z-****400)
Please contact Yamaichi
Part Number (Details)


Similar Part No. - IC160Z-0324-2401

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
List of Unclassifed Man...
IC1001 ETC2-IC1001 Datasheet
193Kb / 4P
   INFRARED RECEIVER/DECODER INTEGRATED CIRCUIT
logo
RF Monolithics, Inc
IC1003 RFM-IC1003 Datasheet
572Kb / 11P
   RF Uart
logo
RFE international
IC1006 RFE-IC1006 Datasheet
117Kb / 1P
   SURFACE MOUNT INDUCTORS IC Series: Power Chokes
logo
List of Unclassifed Man...
IC101 ETC1-IC101 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
More results

Similar Description - IC160Z-0324-2401

ManufacturerPart #DatasheetDescription
logo
FCI connector
69802 FCI-CONNECTOR-69802 Datasheet
453Kb / 5P
   PLCC SMT SOCKET
69802-132PT FCI-CONNECTOR-69802-132PT Datasheet
453Kb / 5P
   PLCC SMT Socket
logo
Agilent(Hewlett-Packard...
HSMD-A100 HP-HSMD-A100 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
logo
Seoul Semiconductor
UPGT801-S SEOUL-UPGT801-S Datasheet
287Kb / 12P
   Industry Standard PLCC SMT package
logo
Dialight Corporation
C-17824 DIALIGHT-C-17824 Datasheet
134Kb / 1P
   POWER PLCC-4 SMT LEDS
logo
Seoul Semiconductor
FAT801-S SEOUL-FAT801-S Datasheet
316Kb / 13P
   Industry Standard PLCC SMT package
UYGT801-S SEOUL-UYGT801-S Datasheet
335Kb / 13P
   Industry Standard PLCC SMT package
LUYT801-S SEOUL-LUYT801-S Datasheet
373Kb / 13P
   Industry Standard PLCC SMT package
logo
Assmann Electronics Inc...
A-CCS44-Z-SM-R ASSMANN-A-CCS44-Z-SM-R Datasheet
255Kb / 1P
   PLCC SOCKET 44 PIN, TIN, SMT
A-CCS32-Z-SM-R ASSMANN-A-CCS32-Z-SM-R Datasheet
257Kb / 1P
   PLCC SOCKET 32 PIN, TIN, SMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com