Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24610RGET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24610RGET
Description  Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24610RGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24610RGET Datasheet HTML 4Page - Texas Instruments BQ24610RGET Datasheet HTML 5Page - Texas Instruments BQ24610RGET Datasheet HTML 6Page - Texas Instruments BQ24610RGET Datasheet HTML 7Page - Texas Instruments BQ24610RGET Datasheet HTML 8Page - Texas Instruments BQ24610RGET Datasheet HTML 9Page - Texas Instruments BQ24610RGET Datasheet HTML 10Page - Texas Instruments BQ24610RGET Datasheet HTML 11Page - Texas Instruments BQ24610RGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
bq24610
bq24617
SLUS892 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
5.0V
≤ V(VCC) ≤ 28V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM DRIVERS TIMING
Dead time when switching between LSD and HSD, no
Driver dead time
30
ns
load at LSD and HSD
PWM OSCILLATOR
VRAMP_HEIGHT
PWM ramp height
As percentage of VCC
7
%
PWM switching frequency(2)
510
600
690
kHz
INTERNAL SOFT START (8 steps to regulation current ICHG)
Soft start steps
8
step
Soft start step time
1.6
ms
CHARGER SECTION POWER-UP SEQUENCING
Charge-enable delay after power-up
Delay from CE=1 to charger is allowed to turn on
1.5
s
LOGIC IO PIN CHARACTERISTICS (CE, STAT1, STAT2, PG)
VIN_LO
CE input low threshold voltage
0.8
V
VIN_HI
CE input high threshold voltage
2.1
VBIAS_CE
CE input bias current
V = 3.3V (CE has internal 1M
Ω pulldown resistor)
6
μA
STAT1, STAT2, PG output low
VOUT_LO
Sink Current = 5 mA
0.5
V
saturation voltage
IOUT_HI
Leakage current
V = 32 V
1.2
µA
(2)
Verified by design
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq24610 bq24617


Similar Part No. - BQ24610RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24610RGET TI-bq24610RGET Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
bq24610RGET TI-bq24610RGET Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
More results

Similar Description - BQ24610RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24133 TI1-BQ24133 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com