Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G32DBVRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AUP1G32DBVRE4
Description  LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G32DBVRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1G32DBVRE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G32DBVRE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G32DBVRE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G32DBVRE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G32DBVRE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G32DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G32DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G32DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G32DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AUP
LVC
AUP
AUP
LVC
Static-Power Consumption
(
µA)
Dynamic-Power Consumption
(pF)
Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
AUP1G08 data at CL = 15 pF
Output
Input
Switching Characteristics
at 25 MHz
1
2
4
A
B
Y
SN74AUP1G32
SCES580F – JUNE 2004 – REVISED MARCH 2010
www.ti.com
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Figure 1. AUP–The Lowest-Power Family
Figure 2. Excellent Signal Integrity
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoStar™ – WCSP (DSBGA)
0.23-mm Large Bump – YFP
Reel of 3000
SN74AUP1G32YFPR
_ _ _HG_
(Pb-free)
NanoStar™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
SN74AUP1G32YZPR
_ _ _HG_
(Pb-free)
QFN – DRY
Reel of 5000
SN74AUP1G32DRYR
HG
–40°C to 85°C
uQFN – DSF
Reel of 5000
SN74AUP1G32DSFR
HG
Reel of 3000
SN74AUP1G32DBVR
SOT (SOT-23) – DBV
H32_
Reel of 250
SN74AUP1G32DBVT
Reel of 3000
SN74AUP1G32DCKR
SOT (SC-70) – DCK
HG_
Reel of 250
SN74AUP1G32DCKT
SOT (SOT-553) – DRL
Reel of 4000
SN74AUP1G32DRLR
HG_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
INPUTS
OUTPUT
Y
A
B
L
L
L
L
H
H
H
L
H
H
H
H
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G32


Similar Part No. - SN74AUP1G32DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G32DBVRE4 TI-SN74AUP1G32DBVRE4 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - SN74AUP1G32DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI1-SN74AUP1G32_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Single 2-Input Positive-OR Gate
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com