Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCA406LGQSR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74AVCA406LGQSR
Description  MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406LGQSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AVCA406LGQSR Datasheet HTML 7Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 8Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 9Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 10Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 11Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 12Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 13Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 14Page - Texas Instruments SN74AVCA406LGQSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
Switching Characteristics
Typical Frequency and Output Skew
Maximum Frequency and Output Skew
SN74AVCA406L
MMC, SD CARD, Memory Stick™ VOLTAGE-TRANSLATION TRANSCEIVER
SCES634B – JANUARY 2006 – REVISED JUNE 2006
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX
A
B
2.8
0.8
4.5
0.6
3.6
0.4
2.7
0.4
2.7
0.3
2.3
B
A
2.9
0.8
4.3
0.6
3.7
0.5
3
0.5
3
0.1
2.7
CLKB
2.8
0.8
4.5
0.6
3.6
0.4
2.7
0.4
2.7
0.3
2.3
tpd
CLKA
ns
CLK-f
5.7
1.6
8.8
1.2
7.3
0.9
5.7
0.9
5.7
0.4
5
CMDA
CMDB
2.8
0.8
4.5
0.6
3.6
0.4
2.7
0.4
2.7
0.3
2.3
CMDB
CMDA
2.9
0.8
4.3
0.6
3.7
0.5
3
0.5
3
0.1
2.7
B
3
1
5.1
0.6
4.3
0.5
3.4
0.5
3.4
0.4
3
ten(1)
DIR
ns
A
2
0.6
3.1
0.6
5.4
0.7
5.4
0.7
5.4
0.5
5.4
B
4.4
1.4
7.4
1.8
8.3
1.2
7
1.2
7
2
7.3
tdis(1)
DIR
ns
A
3.7
1.5
8.1
1.5
7.9
1.5
7.9
1.5
7.9
1.5
8
(1)
DIR refers to CMD-dir, DAT0-dir, and DAT123-dir.
T
A = 25°C, VCCA = 1.2 V (see Figure 2)
VCCB = 1.2 V VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
TYP
CLKB
95
95
95
95
95
95
Clock
CLKA
CLK-f
95
95
95
95
95
95
tmax
MHz
A
B
95
95
95
95
95
95
Data
B
A
95
95
95
95
95
95
Channel
tsk(o)
to
A
B
0.5
0.4
0.4
0.3
0.5
0.5
ns
channel
over recommended operating free-air temperature range, V
CCA = 1.5 V ± 0.1 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V VCCB = 3.3 V
FROM
TO
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
MIN
MAX
CLKB
95
95
95
95
95
95
Clock
CLKA
CLK-f
95
95
95
95
95
95
fmax
MHz
A
B
95
95
95
95
95
95
Data
B
A
95
95
95
95
95
95
Channel
tsk(o) to
DIR
B
0.3
0.3
0.3
0.3
0.5
0.4
ns
channel
11
Submit Documentation Feedback


Similar Part No. - SN74AVCA406LGQSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406LGQSR TI-SN74AVCA406LGQSR Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - SN74AVCA406LGQSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com