Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD3082EDGK Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65HVD3082EDGK
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3082EDGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD3082EDGK Datasheet HTML 7Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 8Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 9Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 10Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 11Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 12Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 13Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 14Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ReceiverOnly
DriverandReceiver
NoLoad,
V
=5V,
T =25 C
50%SquareWaveInput
CC
A
o
100
SignalRate-kbps
1
10
0.1
1
10
-60
-40
-20
0
20
40
60
-8
-6
-4
-2
0
2
4
6
8
12
VCC =5V
VCC =0V
VI -BusInputVoltage-V
80
10
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
www.ti.com
SLLS562G – AUGUST 2009 – REVISED MAY 2009
PACKAGE THERMAL INFORMATION
PARAMETER
TEST CONDITIONS
PACKAGE
MIN
TYP
MAX
UNIT
MOSP (DGK)
266
Low-k board, no air flow
SOIC (D)
210
°C/W
PDIP (P)
155
Junction-to-ambient
qJA
thermal resistance
MOSP (DGK)
180
High-k board, no air flow
SOIC (D)
130
°C/W
PDIP (P)
70
MOSP (DGK)
110
Junction-to-board
qJB
Low-k board, no air flow
SOIC (D)
55
°C/W
thermal resistance
PDIP (P)
40
MOSP (DGK)
66
Junction-to-case
qJC
SOIC (D)
80
°C/W
thermal resistance
PDIP (P)
80
Input to D is a 50% duty
ALL HVD3082E
203
cycle square wave at max
ALL HVD3085E
205
Average power
P(AVG)
rec'd signal rate
mW
dissipation
RL = 54 Ω VCC = 5.5 V, TJ =
ALL HVD3088E
276
130°C
Thermal shut-down
TSD
ALL
165
°C
junction temperature
TYPICAL CHARACTERISTICS
SN65HVD3082E
BUS INPUT CURRENT
RMS SUPPLY CURRENT
vs
vs
BUS INPUT VOLTAGE
SIGNALING RATE
Figure 14.
Figure 15.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SN65HVD3082EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082EDGK TI-SN65HVD3082EDGK Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3082EDGK TI-SN65HVD3082EDGK Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3082EDGK TI1-SN65HVD3082EDGK Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082EDGK TI1-SN65HVD3082EDGK Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082EDGKR TI-SN65HVD3082EDGKR Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD3082EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com