Electronic Components Datasheet Search |
|
IC7612-2006-G4 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd. |
|
IC7612-2006-G4 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd. |
2 / 2 page SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER Test & Burn-In Test & Burn-In B-10 Shrink Dual Inline Package (SDIP) IC76 Series Part Number Pin Count A D C B E F G H J K 15.9 8.0 8.0 8.0 8.0 10.3 10.3 10.3 10.3 25.5 25.5 26.0 28.0 19.0 19.0 19.0 19.0 20 20 22 24 28 30 40 42 48 52 64 20.0 19.5 22.0 24.0 27.5 29.0 38.0 39.5 45.0 48.5 59.5 8.3 15.9 8.3 8.3 10.8 10.8 15.9 15.9 19.7 15.9 17.0 24.6 17.0 17.0 1.778 x 9 = 16.002 1.778 x 9 = 16.002 1.778 x 10 = 17.78 1.778 x 11 = 19.558 1.778 x 13 = 23.114 1.778 x 14 = 24.892 1.778 x 19 = 33.782 1.778 x 20 = 35.56 1.778 x 23 = 40.894 1.778 x 25 = 44.45 1.778 x 31 = 55.118 2.0 8.0 2.0 2.0 2.9 2.9 11.8 7.5 11.0 10.3 11.0 7.5 11.0 7.5 13.0 8.0 16.5 8.0 16.5 13.7 29.5 11.4 19.0 11.4 11.4 13.9 13.9 22.8 – – – – – – 25.5 25.5 26.0 28.0 29.5 23.0 30.6 23.0 23.0 25.5 25.5 30.6 30.6 30.6 30.6 38.2 IC76**-2003-G4 ** IC76**-2006-G4 ** IC76**-2203-G4 ** IC76**-2403-G4 ** IC76**-2804-G4 ** IC76**-3004-G4 ** IC76**-4006-G4 ** IC76**-4206-G4 ** IC76**-4806-G4 ** IC76**-5206-G4 ** IC76**-64075-G4** Housing: Contacts: Plating: Polysulphone (PSF), glass-filled - UL94V-0 rated Polyethersulphone (PES), glass-filled - UL94V-0 rated Beryllium Copper (BeCu) Gold over Nickel Series No. Row Space (06 = 0.6 inches) Straight, Through Hole Type No. of Contact Pins Contact Plating (G = Gold Plating) Housing Material (12=PSF, 20= PES) MF = Flanged Unmarked = Not Flanged IC76 ** MF 40 06 - - G 4 Insulation Resistance: Dielectric Withstanding Voltage: Contact Resistance: Current Rating: Operating Temperature Range: Mating Cycles: í Shrink pitch (1.778mm) sockets for high-density mounting í Dual wipe contacts ensure high reliability W 1,000M min. at 500V DC 700V AC for 1 minute W 20m max. at 10mA/20mV max. 1A max. –40°C to +150°C cont. (IC7612) –40°C to +170°C cont. (IC7620) 25,000 to 50,000 insertions Materials and Finish B H 2- Æ3.2 2- Æ3.2 Pin Count Æ0.7 K B A H K 1.778 1.2 1.778 2- Æ3.2 Spot facing (Æ6.2, 3.0 deep) 2- Æ3.2 0.3 1.5 4.0 3.2 24.6 24.6 24.6 24.6 28.4 19.5 19.5 Features Specifications Outline Socket Dimensions Recommended PC Board Layout Top View from Socket Part Number (Details) Shrink Dual Inline Package (SDIP) IC121 Series Housing: Contacts: Plating: Polyetherimide (PEI), glass-filled - UL94V-0 rated Copper Alloy Gold over Nickel Series No. Row Space (06 = 0.6 inches) Straight Solder Dip Terminal Terminal Length Option: No. of Contact Pins Contact Plating (G = Gold Plating) MF = Flanged Unmarked = Not Flanged L = 5mm Unmarked = 3mm IC121 MF 52 06 - - G 4 L Insulation Resistance: Dielectric Withstanding Voltage: Contact Resistance: Current Rating: Operating Temperature Range: Mating Cycles: í Shrink pitch (1.778mm) sockets for high-density mounting í Dual wipe contacts ensure high reliability í Two terminal lengths (3mm / 5mm) available. The 5mm type can be used as a piggy-back socket 1,000M min. at 500V DC 700V AC for 1 minute 20m max. at 10mA max. 1A max. –40°C to +150°C 25,000 to 50,000 insertions W W Materials and Finish Features 19.80 11.40 15.60 19.80 23.50 9.4 13.6 21.40 25.10 28 24 40 24 42 48 52 56 64 90 27.50 24.50 38.20 24.00 40.00 45.50 49.00 52.50 60.00 83.54 10.60 14.86 16.54 8.30 16.54 16.54 16.54 16.54 23.50 17.0 22.80 22.8 15.00 22.8 22.8 23.111 19.558 33.782 19.558 35.56 40.894 44.45 48.006 55.188 78.232 3.00 7.27 9.27 2.00 9.27 9.27 9.27 9.27 10.60 14.86 – – – 16.54 8.30 5.5 16.54 5.5 16.54 5.5 16.54 5.5 16.54 5.5 12.20 16.46 18.14 10.10 18.14 18.14 18.14 18.14 16.0 12.0 26.0 12.0 20.0 26.0 36.0 36.6 40.0 52.0 23.0 29.0 29.0 21.0 29.0 29.0 29.0 29.0 32.4 38.2 IC121-2804-G4 ** IC121-24055-G4 ** IC121-4006-G4 ** IC121-2403-G4 ** IC121-4206-G4 ** IC121-4806-G4 ** IC121-5206-G4 ** IC121-5606-G4 ** IC121-64075-G4 ** IC121-9009-G4 ** Æ 3.3 Æ 0.8 B A H K 1.2 1.778 Æ 3.3 Hole R 3.5 D ±0.1 J ±0.1 0.5 4.0 20 30 26.8 32.2 22.8 22.8 Part Number Pin Count A D C B E F G H J K Specifications Outline Socket Dimensions Recommended PC Board Layout Top View from Socket Part Number (Details) |
Similar Part No. - IC7612-2006-G4 |
|
Similar Description - IC7612-2006-G4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |