Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD32UDY Datasheet(PDF) 2 Page - Power-One

Part # PHD32UDY
Description  PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PHD32UDY Datasheet(HTML) 2 Page - Power-One

  PHD32UDY Datasheet HTML 1Page - Power-One PHD32UDY Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
PHD32 Series – 32A Non-Isolated DC/DC Converter
5V, 3.3V Input
Dual Output
REV. 7/01
Page 2 of 2
www.power-one.com
Mechanical Drawing Dimensions Shown in Inches (millimeters)
Pin
Function
1
Vout1
2GND
3Vin
4GND
5
Vout2
6Trim1
7ON/OFF
8Trim2
PIN VIEW
Notes
1.
Consult factory for the complete list of available options.
2.
Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.
Tolerances:
.xx
± 0.020” (0.5mm)
.xxx
± 0.010” (0.25mm)


Similar Part No. - PHD32UDY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD3055E PHILIPS-PHD3055E Datasheet
72Kb / 7P
   PowerMOS transistor
September 1997 Rev 1.000
PHD3055E PHILIPS-PHD3055E Datasheet
103Kb / 10P
   N-channel TrenchMOS transistor
August 1999 Rev 1.200
PHD3055E NXP-PHD3055E Datasheet
220Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
logo
VBsemi Electronics Co.,...
PHD3055E VBSEMI-PHD3055E Datasheet
1,003Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
NXP Semiconductors
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
More results

Similar Description - PHD32UDY

ManufacturerPart #DatasheetDescription
logo
Power-One
SLD10UDD POWER-ONE-SLD10UDD Datasheet
49Kb / 2P
   SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PLD08UDD POWER-ONE-PLD08UDD Datasheet
88Kb / 2P
   PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com