Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC120-0184-002 Datasheet(PDF) 4 Page - Yamaichi Electronics Co., Ltd.

Part # IC120-0184-002
Description  Plastic Lead Chip Carrier (PLCC)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC120-0184-002 Datasheet(HTML) 4 Page - Yamaichi Electronics Co., Ltd.

  IC120-0184-002 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC120-0184-002 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. IC120-0184-002 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. IC120-0184-002 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Test & Burn-In
IC53 / IC51 Series
Leadless Chip Carrier (LCC)
Series No.
Number of Sides
with Contacts
No. of Contact Pins
Design Number
Further LCC versions
are also available Please Contact
Yamaichi for more infromation
IC53
044 4
306
-
-
Insulation Resistance:
Dielectric Withstanding Voltage:
Contact Resistance:
Current Rating:
Operating Temperature Range:
Mating Cycles:
W
1,000M
min. at 500V DC
700V AC for 1 minute
W
30m
max. at 10m/20mV max.
1A max.
–40°C to +150°C
10,000 insertions min.
Part Number
IC Dimensions
Pitch
(mm)
W
L
T
Pin
Count
Contact
Position
Socket
Material
IC53-0444-306
IC53-0444-306
44
1.27
2.50 ~ 3.20
15.4 x 15.4
PES
IC53-0484-100
IC53-0484-100
48
1.016
1.52 ~ 2.12
13.2 x 13.2
PSF
IC51-0684-498
IC51-0684-498
68
1.27
1.27 ~ 1.77
23.0 x 23.0
PES
W
T
16.31 ~ 16.71
14.03 ~ 14.52
23.88 ~ 24.38
16.31 ~ 16.71
14.03 ~ 14.52
23.88 ~ 24.38
IC120 Series (Open Top) PCB Layouts (PLCC)
52 pins
68 pins
84 pins
IC120-0524-207
IC120-0524-307
IC120-0524-007
IC120-0524-107
IC120-0684-204
IC120-0684-304
IC120-0684-004
IC120-0684-104
IC120-0844-203
IC120-0844-303
IC120-0844-003
IC120-0844-103
IC120-0524-407
IC120-0524-507
IC120-0684-404
IC120-0684-504
IC120-0844-403
IC120-0844-503
1.27
1.27x16=20.32
4–Æ2.2
68–Æ0.8
16.5
1.27
1.27x12=15.24
2–Æ2.2
52–Æ0.8
12.0
1.27
1.27x20=25.4
34.97
29.89
18.0
4–Æ2.2
84–Æ0.8
Most compatible
socket type
Most compatible
socket type
Most compatible
socket type
C-45
44 pins
48 pins
68 pins
44–Æ0.8±0.1
48–Æ0.8±0.1
68–Æ0.6
4–Æ3.2
2.54±0.05
2.54±0.05
25.0±0.1
Top View from Socket
Recommended PCB Layouts
Specifications
Part Number (Details)


Similar Part No. - IC120-0184-002

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IC1205DA XPPOWER-IC1205DA Datasheet
91Kb / 1P
   Single Output
logo
Laird Tech Smart Techno...
IC1206A103R-10 LSTD-IC1206A103R-10 Datasheet
90Kb / 1P
   this print is the property of laird tech
IC1206A332R-10 LSTD-IC1206A332R-10 Datasheet
86Kb / 1P
   this print is the property of laird tech
IC1206A333R-10 LSTD-IC1206A333R-10 Datasheet
91Kb / 1P
   this print is the property of laird tech
IC1206A472R-10 LSTD-IC1206A472R-10 Datasheet
85Kb / 1P
   this print is the property of laird tech
More results

Similar Description - IC120-0184-002

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC51-0204-602 YAMAICHI-IC51-0204-602 Datasheet
128Kb / 3P
   Plastic Lead Chip Carrier (PLCC)
logo
List of Unclassifed Man...
BT8510 ETC1-BT8510 Datasheet
6Mb / 78P
   68-pin Plastic Leaded Chip Carrier (PLCC)
logo
Assmann Electronics Inc...
A-CCS28-G ASSMANN-A-CCS28-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
A-CCS84-G ASSMANN-A-CCS84-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
A-CCSXX-Z-R ASSMANN-A-CCSXX-Z-R Datasheet
334Kb / 1P
   CHIP-CARRIER PLCC SOCKET
A-CCS20-G ASSMANN-A-CCS20-G Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
A-CCS-032-Z-T ASSMANN-A-CCS-032-Z-T Datasheet
320Kb / 1P
   Chip-Carrier PLCC socket
logo
KODENSHI_AUK CORP.
KP3014R64A1B KODENSHI-KP3014R64A1B Datasheet
147Kb / 5P
   Plastic leaded chip carrier
KP3014Y59A1B KODENSHI-KP3014Y59A1B Datasheet
148Kb / 5P
   Plastic leaded chip carrier
KP3020BSKA2C-GD KODENSHI-KP3020BSKA2C-GD Datasheet
172Kb / 5P
   Plastic leaded chip carrier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com