Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC70-4014-G4 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # IC70-4014-G4
Description  Single Inline Package (SIP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC70-4014-G4 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  IC70-4014-G4 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
ý
Æ3.2
0.5 x 0.46
125.0
116.0
0.7
1.78
1.78 x 55 = 97.9
1.78 x 23 = 40.94
1.78 x 23 = 40.94
1.78 x 7 = 12.46
102.0
Housing:
Contacts:
Plating:
Polysulphone (PSF), glass-filled - UL94V-0
Beryllium Copper (BeCu)
Gold (0.3µm min.) over Nickel (2.5 to 4.5µm min.)
Series No.
Contact Plating (G = Gold Plating)
Straight, Through Hole Type
Design Number
MF = Flanged
Unmarked = Not Flanged
No. of Contact Pins
IC70
30 11 MF
-- G4
Insulation Resistance:
Dielectric Withstanding Voltage:
Contact Resistance:
Current Rating:
Operating Temperature Range:
Mating Cycles:
í
í
Dual wipe contacts ensure high reliability
Low costs due to selective gold plating
1,000M
min. at 500V DC
700V AC for 1 minute
30m
max. at 10mA/20mV max.
1A max.
–40°C to +150°C
10,000 insertions min.
W
W
Materials and Finish
A
B
C
D
E
2-
3.5
Æ
0.8
0.5 x 0.46
ý
May be cut at points marked by
into 3 separate sections
ý
Features
13.36
7
26.6
19.6
12.6
1.27 x 6 =
7.62
1.27
12
41.0
34.0
27.0
2.00 x 11 = 22.00
2.0
15
36.8
29.8
22.8
1.27 x 14 = 17.78
1.27
20
47.5
40.5
33.5
1.50 x 19 = 28.50
1.5
23
44.0
38.0
32.0
1.27 x 22 = 27.94
1.27
24
63.0
57.0
51.0
2.00 x 23 = 46.00
2.0
30
77.0
67.0
57.0
1.80 x 29 = 52.20
1.8
30
57.0
49.0
41.0
1.27 x 29 = 36.83
1.27
30
62.5
55.5
48.5
1.50 x 29 = 43.50
1.5
40
94.0
84.0
74.0
1.778 x 55 = 69.342
1.778
56
125.0
116.0
102.0
1.78 x 55 = 97.90
1.78
IC70-0726**-G4
IC70-1217**-G4
IC70-1521**-G4
IC70-2020**-G4
IC70-2313**-G4
IC70-2418**-G4
IC70-3011**-G4
IC70-3015**-G4
IC70-3019**-G4
IC70-4014**-G4
IC70-5616**-G41)
Single Inline Package (SIP)
Outline Socket Dimensions
IC70 Series
Part Number
Pin Count
A
B
C
D
E
B
D
E
2-
3.5
Æ
Pin Count Æ0.8
Recommended PC Board Layout
Top View from Socket
Outline Socket Dimensions for IC70-5616-G4 only 1)
Specifications
Part Number (Details)


Similar Part No. - IC70-4014-G4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IC7-68PD-1.27DS HIROSE-IC7-68PD-1.27DS Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
IC7-68PD-1.27DS-EJL HIROSE-IC7-68PD-1.27DS-EJL Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
IC7-68PD-1.27DS-EJR HIROSE-IC7-68PD-1.27DS-EJR Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
IC7-68PDR-1.27DS HIROSE-IC7-68PDR-1.27DS Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
IC7-68PDR-1.27DS-EJL HIROSE-IC7-68PDR-1.27DS-EJL Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
More results

Similar Description - IC70-4014-G4

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04W33XKA10 SYNQOR-NQ04W33XKA10 Datasheet
527Kb / 13P
   SIP Single Inline Pins
logo
Hamamatsu Corporation
S8673 HAMAMATSU-S8673 Datasheet
125Kb / 2P
   One-dimensional PSD using SIP (Single Inline Package)
logo
SynQor Worldwide Headqu...
NQ16W50XKA10 SYNQOR-NQ16W50XKA10 Datasheet
538Kb / 13P
   SIP Single Inline Pins
NQ16W50XMA16 SYNQOR-NQ16W50XMA16 Datasheet
539Kb / 13P
   SIP Single Inline Pins
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2-2000 REICU-K78X2-2000 Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
SynQor Worldwide Headqu...
NQ04T33VKA10 SYNQOR-NQ04T33VKA10 Datasheet
798Kb / 18P
   SIP Single In-Line Package
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com