Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-176-6-MF Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # IC-176-6-MF
Description  Single Inline Memory Module (SIMM)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC-176-6-MF Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  IC-176-6-MF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC-176-6-MF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Single Inline Memory Module (SIMM)
IC176 Series
121.0
2.54
2-
3.5
Æ
70-
0.8
Æ
2.54 x 34 = 86.36
86.36
2.54
1.8 min
Component area
R- 1.57
2.03
1.78
Æ3.18
101.6
94.84
1.27
1.27
73.66
2.54
R- 1.57
2.03
1.778
Æ3.18
88.9
82.14
106.0
2.54
2-
3.5
Æ
60-
0.8
Æ
2.54 x 29 = 73.66
Matching IC Dimensions
Matching IC Dimensions
Recommended PC Board Layout
Recommended PC Board Layout
Recommended PC Board Layout
Recommended PC Board Layout
IC-176-6-**
IC-176-10-**
IC-176-8-**
Component area
Top View from Socket
Top View from Socket
Top View from Socket
Top View from Socket
124.0 ±0.1
170.4 ±0.1
6.35±0.1
6.35±0.1
1.27 x 31= 39.37 ±0.1
1.27 x 49 = 62.23 ±0.1
1.27 x 49 = 62.23 ±0.1
1.27 x 31= 39.37 ±0.1
1.27 ±0.05
1.27 ±0.05
1.27 ±0.05
1.27 ±0.05
2-
3.2
Æ
2-
3.2
Æ
+0.1
- 0
+0.1
- 0
+0.1
- 0
+0.1
- 0
128-
0.8
Æ
200-
0.8
Æ
IC-176-4-**


Similar Part No. - IC-176-6-MF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC-438-1-1-MF YAMAICHI-IC-438-1-1-MF Datasheet
57Kb / 1P
   Dual InlineMemoryModule (DIMM, 168 pins)
IC-438-1-2-MF YAMAICHI-IC-438-1-2-MF Datasheet
57Kb / 1P
   Dual InlineMemoryModule (DIMM, 168 pins)
IC-438-1-3-MF YAMAICHI-IC-438-1-3-MF Datasheet
57Kb / 1P
   Dual InlineMemoryModule (DIMM, 168 pins)
IC-438-1-4-MF YAMAICHI-IC-438-1-4-MF Datasheet
57Kb / 1P
   Dual InlineMemoryModule (DIMM, 168 pins)
IC-438-2-1-MF YAMAICHI-IC-438-2-1-MF Datasheet
57Kb / 1P
   Dual InlineMemoryModule (DIMM, 168 pins)
More results

Similar Description - IC-176-6-MF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM594000A SAMSUNG-KMM594000A Datasheet
590Kb / 10P
   4M x 9 CMOS SIMM Memory Module
KMM594000B SAMSUNG-KMM594000B Datasheet
311Kb / 5P
   4M x 9 CMOS DRAM SIMM Memory Module
logo
Yamaichi Electronics Co...
IC-657-1-MF YAMAICHI-IC-657-1-MF Datasheet
82Kb / 1P
   Dual Inline Memory Module 144, 172 and 200 Pins
logo
SynQor Worldwide Headqu...
NQ04W33XKA10 SYNQOR-NQ04W33XKA10 Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ16W50XKA10 SYNQOR-NQ16W50XKA10 Datasheet
538Kb / 13P
   SIP Single Inline Pins
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
SynQor Worldwide Headqu...
NQ16W50XMA16 SYNQOR-NQ16W50XMA16 Datasheet
539Kb / 13P
   SIP Single Inline Pins
logo
List of Unclassifed Man...
KVR8X72V84-50EG ETC1-KVR8X72V84-50EG Datasheet
48Kb / 1P
   Memory Module Specification (EDO Memory Module)
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
List of Unclassifed Man...
VS133-R512 ETC-VS133-R512 Datasheet
124Kb / 7P
   Memory Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com