Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC7620-2804-G4 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # IC7620-2804-G4
Description  Shrink Dual Inline Package (SDIP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC7620-2804-G4 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  IC7620-2804-G4 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. IC7620-2804-G4 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Shrink Dual Inline Package (SDIP)
IC76 Series
Part Number
Pin Count
A
D
C
B
E
F
G
HJ
K
15.9
8.0
8.0
8.0
8.0
10.3
10.3
10.3
10.3
25.5
25.5
26.0
28.0
19.0
19.0
19.0
19.0
20
20
22
24
28
30
40
42
48
52
64
20.0
19.5
22.0
24.0
27.5
29.0
38.0
39.5
45.0
48.5
59.5
8.3
15.9
8.3
8.3
10.8
10.8
15.9
15.9
19.7
15.9
17.0
24.6
17.0
17.0
1.778 x 9 = 16.002
1.778 x 9 = 16.002
1.778 x 10 = 17.78
1.778 x 11 = 19.558
1.778 x 13 = 23.114
1.778 x 14 = 24.892
1.778 x 19 = 33.782
1.778 x 20 = 35.56
1.778 x 23 = 40.894
1.778 x 25 = 44.45
1.778 x 31 = 55.118
2.0
8.0
2.0
2.0
2.9
2.9
11.8
7.5
11.0
10.3
11.0
7.5
11.0
7.5
13.0
8.0
16.5
8.0
16.5
13.7
29.5
11.4
19.0
11.4
11.4
13.9
13.9
22.8
25.5
25.5
26.0
28.0
29.5
23.0
30.6
23.0
23.0
25.5
25.5
30.6
30.6
30.6
30.6
38.2
IC76**-2003-G4 **
IC76**-2006-G4 **
IC76**-2203-G4 **
IC76**-2403-G4 **
IC76**-2804-G4 **
IC76**-3004-G4 **
IC76**-4006-G4 **
IC76**-4206-G4 **
IC76**-4806-G4 **
IC76**-5206-G4 **
IC76**-64075-G4**
Housing:
Contacts:
Plating:
Polysulphone (PSF), glass-filled - UL94V-0 rated
Polyethersulphone (PES), glass-filled - UL94V-0 rated
Beryllium Copper (BeCu)
Gold over Nickel
Series No.
Row Space (06 = 0.6 inches)
Straight, Through Hole Type
No. of Contact Pins
Contact Plating (G = Gold Plating)
Housing Material
(12=PSF, 20= PES)
MF = Flanged
Unmarked = Not Flanged
IC76
**
MF
40 06
-- G4
Insulation Resistance:
Dielectric Withstanding Voltage:
Contact Resistance:
Current Rating:
Operating Temperature Range:
Mating Cycles:
í
í
Shrink pitch (1.778mm) sockets for high-density mounting
Dual wipe contacts ensure high reliability
1,000M
min. at 500V DC
700V AC for 1 minute
20m
max. at 10mA/20mV max.
1A max.
–40°C to +150°C cont. (IC7612)
–40°C to +170°C cont. (IC7620)
25,000 to 50,000 insertions
W
W
Materials and Finish
B
H
2-
3.2
Æ
2-
3.2
Æ
Pin Count Æ0.7
K
B
A
H
K
1.778
1.2
1.778
2-
3.2 Spot facing ( 6.2, 3.0 deep)
ÆÆ
2-
3.2
Æ
0.3
1.5
4.0
3.2
24.6
24.6
24.6
24.6
28.4
19.5
19.5
Features
Specifications
Outline Socket Dimensions
Recommended PC Board Layout
Top View from Socket
Part Number (Details)


Similar Part No. - IC7620-2804-G4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IC7-68PD-1.27DS HIROSE-IC7-68PD-1.27DS Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
IC7-68PD-1.27DS-EJL HIROSE-IC7-68PD-1.27DS-EJL Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
IC7-68PD-1.27DS-EJR HIROSE-IC7-68PD-1.27DS-EJR Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
IC7-68PDR-1.27DS HIROSE-IC7-68PDR-1.27DS Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
IC7-68PDR-1.27DS-EJL HIROSE-IC7-68PDR-1.27DS-EJL Datasheet
189Kb / 6P
   Single Slot Connector for PC Card Type III
More results

Similar Description - IC7620-2804-G4

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC37NRB-1403-G4 YAMAICHI-IC37NRB-1403-G4 Datasheet
39Kb / 1P
   Dual Inline Package (DIP)
logo
Amkor Technology
CDIP AMKOR-CDIP Datasheet
374Kb / 1P
   Ceramic Dual-Inline Package
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
Fujitsu Component Limit...
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
   THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
   Ceramic Shrink Small Outline Package
logo
Yamaichi Electronics Co...
IC39-1206-G4 YAMAICHI-IC39-1206-G4 Datasheet
38Kb / 1P
   Zig-Zag Inline Package (ZIP)
IC182-4007-MF YAMAICHI-IC182-4007-MF Datasheet
95Kb / 1P
   Zig-Zag Inline Package (ZIP)
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
   24-LEAD SHRINK SMALL OUTLINE PACKAGE
logo
ACCUTEK MICROCIRCUIT CO...
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
   Shrink Small Outline Package SSOP DIP Adapters
logo
Picker Components
D1A050000 PICKER-D1A050000 Datasheet
162Kb / 2P
   Dual Inline Pack Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com