Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-796859-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-796859-8
Description  TERMINAL BLOCK, PLUG , 90 DEGREE, WITH FLANGE, 5.08mm PITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-796859-8 Datasheet(HTML) 1 Page - Tyco Electronics

  1-796859-8 Datasheet HTML 1Page - Tyco Electronics 1-796859-8 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1-796859-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-796858-0 TEC-1-796858-0 Datasheet
304Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-796859-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796858 MACOM-C-796858 Datasheet
52Kb / 1P
   TERMINAL BLOCK PLUG, 90 DEGREE, WITH FLANGE 5.00mm PITCH
C-796866 MACOM-C-796866 Datasheet
151Kb / 1P
   TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.08mm PITCH
C-796864 MACOM-C-796864 Datasheet
114Kb / 1P
   TERMINAL BLOCK, HEADER ASSEMBLY, 90 DEGREE, WITH FLANGE, 5.00mm PITCH
C-1546018 MACOM-C-1546018 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
C-282830 MACOM-C-282830 Datasheet
215Kb / 2P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
C-1546226 MACOM-C-1546226 Datasheet
81Kb / 1P
   TERMINAL BLOCK PLUG 90/270 DEGREE 5.0mm PITCH
C-1546173 MACOM-C-1546173 Datasheet
115Kb / 1P
   TERMINAL BLOCK, PLUG, 90 DEGREE, STACKING, 5.0mm PITCH
C-284061 MACOM-C-284061 Datasheet
54Kb / 1P
   TERMINAL BLOCK MULTIPLE HEADER, 90 DEGREE, CLOSED ENDS 5.08mm PITCH
C-284510 MACOM-C-284510 Datasheet
49Kb / 1P
   TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
C-284511 MACOM-C-284511 Datasheet
53Kb / 1P
   TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.81mm PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com