Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA4311 Datasheet(PDF) 9 Page - Texas Instruments

Part # TCA4311
Description  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA4311 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TCA4311_1 Datasheet HTML 5Page - Texas Instruments TCA4311_1 Datasheet HTML 6Page - Texas Instruments TCA4311_1 Datasheet HTML 7Page - Texas Instruments TCA4311_1 Datasheet HTML 8Page - Texas Instruments TCA4311_1 Datasheet HTML 9Page - Texas Instruments TCA4311_1 Datasheet HTML 10Page - Texas Instruments TCA4311_1 Datasheet HTML 11Page - Texas Instruments TCA4311_1 Datasheet HTML 12Page - Texas Instruments TCA4311_1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
–50
–25
2
6
12
0
4
8
14
16
10
18
0
25
50
Temperature (°C)
75
100
2.7 V
2.5 V
3 V
5 V
50
55
60
65
70
75
80
85
90
95
100
–40
25
85
Temperature, T (°C)
A
2.7 V
3.3 V
5.5 V
52.0
52.025
0.0
1.0
2.5
–0.5
0.5
1.5
3.0
2.0
3.5
52.075
52.1
52.125
t (s)
52.15
52.175
VXSDAIN
Delay: 72.258
VXSDAOUT
54.0
54.2
0.0
1.0
2.5
–0.5
0.5
1.5
3.0
2.0
3.5
54.4
54.6
54.8
t (s)
55.0
55.2
55.4
55.6
55.8
56.0
VXSDAOUT
VXSDAIN
TCA4311
www.ti.com........................................................................................................................................................................................... SCPS173 – DECEMBER 2008
Figure 3. Input/Output tPLH vs Temperature
Figure 4. IPULLUPAC vs Temperature
Figure 5.
Figure 6.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TCA4311


Similar Part No. - TCA4311_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311AD TI1-TCA4311AD Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311ADGKR TI1-TCA4311ADGKR Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311ADR TI1-TCA4311ADR Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Similar Description - TCA4311_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com